Electronic Components Datasheet Search
  English  ▼

X  

PM7350 Datasheet(PDF) 60 Page - PMC-Sierra, Inc

Part # PM7350
Description  DUAL SERIAL LINK PHY MULTIPLEXER
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7350 Datasheet(HTML) 60 Page - PMC-Sierra, Inc

Back Button PM7350 Datasheet HTML 56Page - PMC-Sierra, Inc PM7350 Datasheet HTML 57Page - PMC-Sierra, Inc PM7350 Datasheet HTML 58Page - PMC-Sierra, Inc PM7350 Datasheet HTML 59Page - PMC-Sierra, Inc PM7350 Datasheet HTML 60Page - PMC-Sierra, Inc PM7350 Datasheet HTML 61Page - PMC-Sierra, Inc PM7350 Datasheet HTML 62Page - PMC-Sierra, Inc PM7350 Datasheet HTML 63Page - PMC-Sierra, Inc PM7350 Datasheet HTML 64Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 241 page
background image
RELEASED
PM7350 S/UNI-DUPLEX
DATA SHEET
PMC-1980581
ISSUE 5
DUAL SERIAL LINK PHY MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
48
Table 2 Eight Bit SCI-PHY/Utopia Bus Master, Input Configuration
Byte
Register 0x0C
#
bytes
01
2
7 H5UDF PRELEN
Notes
52
N
N
N
N
0
00
Short cell, no H5 byte
53
N
N
N
Y
1
00
Default, Utopia compatible
53
N
Y
N
N
0
01
1 user byte then H1-H4
54
N
Y
N
Y
1
01
1 user byte then H1-H5
54
N
Y
Y
N
0
10
2 user bytes then H1-H4.
55
N
Y
Y
Y
1
10
2 user bytes then H1-H5.
Table 3 Sixteen Bit SCI-PHY/Utopia Bus Master, Input Configuration
Word
Register 0x0C
#
bytes
01
4
H5UDF
PRELEN
Notes
52
N
N
N
0
00
Short cell, no H5/UDF field
54
N
N
Y
1
00
Default, Utopia compatible
54
N
Y
N
0
01
1 user word then H1-H4
56
N
Y
Y
1
01
1 user word, H1-H4, then H5/UDF
In the egress direction (cells are transferred from the LVDS link to the output
bus.), only those PHY devices are polled for which there is a cell in the internal
cell buffer. The cell buffer is organized as 32 FIFOs, each associated with a
single PHY device. This arrangement prevents head-of-line blocking. As per the
ingress interface, transfers are cell based and polling is concurrent with cell
transfers.
The SCI-PHY/Any-PHY Output Configuration register (0x14) determines the cell
format of the output bus. A SCI-PHY/Utopia bus master neither requires nor
supports embedded PHY ID. The cell length options for the 8 bit bus (shown in
Fig. 6) are described in Table 4. 16 bit bus options (shown in Fig. 7) are
described in Table 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com