Electronic Components Datasheet Search
  English  ▼

X  

PM7350 Datasheet(PDF) 40 Page - PMC-Sierra, Inc

Part # PM7350
Description  DUAL SERIAL LINK PHY MULTIPLEXER
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7350 Datasheet(HTML) 40 Page - PMC-Sierra, Inc

Back Button PM7350 Datasheet HTML 36Page - PMC-Sierra, Inc PM7350 Datasheet HTML 37Page - PMC-Sierra, Inc PM7350 Datasheet HTML 38Page - PMC-Sierra, Inc PM7350 Datasheet HTML 39Page - PMC-Sierra, Inc PM7350 Datasheet HTML 40Page - PMC-Sierra, Inc PM7350 Datasheet HTML 41Page - PMC-Sierra, Inc PM7350 Datasheet HTML 42Page - PMC-Sierra, Inc PM7350 Datasheet HTML 43Page - PMC-Sierra, Inc PM7350 Datasheet HTML 44Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 241 page
background image
RELEASED
PM7350 S/UNI-DUPLEX
DATA SHEET
PMC-1980581
ISSUE 5
DUAL SERIAL LINK PHY MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
28
Ball
Name
Type
Ball
No.
Function
High Speed LVDS Links
OANYPHY
Input
M5
The Output Port Any-PHY configuration
(OANYPHY) input determines the protocol of the
SCI-PHY/Any-PHY output port interface.
OANYPHY is only active if the SCIANY input is a
logic high.
If OANYPHY is logic low, the interface complies to
the SCI-PHY/Utopia specification.
If OANYPHY is logic high, the interface complies to
the Any-PHY specification. The Any-PHY protocol
is supported only when the output port cell interface
is configured as a bus slave (IMASTER input must
be set to logic low if OANYPHY is high).
OANYPHY is an asynchronous input and is
expected to be held static.
OMASTER
Input
M11 The Output Port Master select (OMASTER) pin
determines the direction of the output port cell
interface control signals.
If OMASTER is high the OANYPHY must be low.
The output port of the S/UNI-DUPLEX is a bus
master that complies with the SCI-PHY/Utopia
transmit protocol. The OADDR[4:0], OAVALID,
OENB signals are outputs and the OCA signal is an
input.
If OMASTER is low, the output port of the S/UNI-
DUPLEX is a bus slave and complies with the SCI-
PHY/Utopia or the Any-PHY receive protocol
depending on the state of the OANYPHY input.
The OADDR[4:0], OAVALID, OENB signals are
inputs. The OCA signal is an output.
This input is only active if the SCIANY input is a
logic high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com