Electronic Components Datasheet Search
  English  ▼

X  

PM7350 Datasheet(PDF) 7 Page - PMC-Sierra, Inc

Part # PM7350
Description  DUAL SERIAL LINK PHY MULTIPLEXER
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7350 Datasheet(HTML) 7 Page - PMC-Sierra, Inc

Back Button PM7350 Datasheet HTML 3Page - PMC-Sierra, Inc PM7350 Datasheet HTML 4Page - PMC-Sierra, Inc PM7350 Datasheet HTML 5Page - PMC-Sierra, Inc PM7350 Datasheet HTML 6Page - PMC-Sierra, Inc PM7350 Datasheet HTML 7Page - PMC-Sierra, Inc PM7350 Datasheet HTML 8Page - PMC-Sierra, Inc PM7350 Datasheet HTML 9Page - PMC-Sierra, Inc PM7350 Datasheet HTML 10Page - PMC-Sierra, Inc PM7350 Datasheet HTML 11Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 241 page
background image
RELEASED
PM7350 S/UNI-DUPLEX
DATA SHEET
PMC-1980581
ISSUE 5
DUAL SERIAL LINK PHY MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
v
REGISTER 0X3D:RECEIVE LOGICAL CHANNEL FIFO INTERRUPT STATUS
............................................................................................................. 137
REGISTERS 0X40, 0X50: RXD1, RXD2 HIGH-SPEED SERIAL
CONFIGURATION ............................................................................... 138
REGISTERS 0X41, 0X51: RXD1, RXD2 HIGH-SPEED SERIAL CELL
FILTERING CONFIGURATION/STATUS ............................................. 140
REGISTERS 0X42, 0X52: RXD1, RXD2 HIGH-SPEED SERIAL INTERRUPT
ENABLES ............................................................................................ 142
REGISTERS 0X43,0X53: RXD1, RXD2 HIGH-SPEED SERIAL INTERRUPT
STATUS ............................................................................................... 144
REGISTERS 0X44, 0X54: RXD1, RXD2 HIGH-SPEED SERIAL HCS ERROR
COUNT ................................................................................................ 146
REGISTERS 0X45, 0X55: RXD1, RXD2 HIGH-SPEED SERIAL CELL
COUNTER (LSB) ................................................................................. 147
REGISTERS 0X46, 0X56: RXD1, RXD2 HIGH-SPEED SERIAL CELL
COUNTER ........................................................................................... 147
REGISTERS 0X47, 0X57: RXD1, RXD2 HIGH-SPEED SERIAL CELL
COUNTER (MSB) ................................................................................ 148
REGISTER 0X5C: TRANSMIT LOGICAL CHANNEL FIFO CONTROL ......... 149
REGISTER 0X5D: TRANSMIT LOGICAL CHANNEL FIFO INTERRUPT STATUS150
REGISTER 0X5E: TRANSMIT LOGICAL CHANNEL FIFO DEPTH............... 151
REGISTER 0X60: TRANSMIT HIGH-SPEED SERIAL CONFIGURATION .... 152
REGISTER 0X61: TRANSMIT HIGH-SPEED SERIAL CELL COUNT STATUS
............................................................................................................. 154
REGISTER 0X62: TRANSMIT HIGH-SPEED SERIAL CELL COUNTER (LSB)
............................................................................................................. 155
REGISTER 0X63: TRANSMIT HIGH-SPEED SERIAL CELL COUNTER ...... 155
REGISTER 0X64: TRANSMIT HIGH-SPEED SERIAL CELL COUNTER (MSB)
............................................................................................................. 156



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com