Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM Datasheet(PDF) 157 Page - Texas Instruments

Click here to check the latest version.
Part # TDA4VM
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM Datasheet(HTML) 157 Page - Texas Instruments

Back Button TDA4VM Datasheet HTML 153Page - Texas Instruments TDA4VM Datasheet HTML 154Page - Texas Instruments TDA4VM Datasheet HTML 155Page - Texas Instruments TDA4VM Datasheet HTML 156Page - Texas Instruments TDA4VM Datasheet HTML 157Page - Texas Instruments TDA4VM Datasheet HTML 158Page - Texas Instruments TDA4VM Datasheet HTML 159Page - Texas Instruments TDA4VM Datasheet HTML 160Page - Texas Instruments TDA4VM Datasheet HTML 161Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 331 page
background image
T
overshoot
T
undershoot
T
period
Overshoot = 20% of nominal
IO supply voltage
Undershoot = 20% of nominal
IO supply voltage
A.
Tovershoot + Tundershoot < 20% of Tperiod
Figure 6-1. IO Transient Voltage Ranges
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002, Revision J(1)
±1000
V
Charged-device model (CDM), per AEC Q100-011,
Revision J
All pins
±250
Corner pins (A1,
AJ29)
±750
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.3 Power-On-Hour (POH) Limits
IP(1) (2) (3) VOLTAGE DOMAIN
VOLTAGE (V)
(MAX)
FREQUENCY
(MHz) (MAX)
Tj(°C)
POH
All
100%
All
All Supported OPPs
Automotive -40°C to 125°C
(4)
20000
All
100%
All
All Supported OPPs
Extended -40°C to 105°C
100000
All
100%
All
All Supported OPPs
Commercial 0°C to 90°C
100000
(1)
This information is provided solely for your convenience and does not extend or modify the warranty provided under TI's standard
terms and conditions for TI semiconductor products.
(2)
Unless specified in the table above, all voltage domains and operating conditions are supported in the device at the noted
temperatures
(3)
POH is a function of voltage, temperature and time. Usage at higher voltages and temperatures will result in a reduction in POH.
(4)
Automotive profile is defined as 20000 power on hours with junction temperature as follows: 5%@-40°C, 65%@70°C, 20%@110°C,
and 10%@125°C.
6.4 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
SUPPLY NAME
DESCRIPTION
MIN
(1)
NOM
MAX
(1)
UNIT
VDD_CORE
Boot/Active voltage for MAIN domain core supply
0.76
0.8
0.84
V
VDD_MCU
Boot/Active voltage for MCUSS core supply
0.76
0.8
0.89
V
VDD_CPU
Boot voltage for CPU core supply, applied at cold
power up event
0.76
0.8
0.84
V
Active voltage for CPU core supply, after AVS mode
enabled in software
AVS
(4)-5%
AVS
(4)
AVS
(4)+5%
V
VDD_CPU AVS Range
AVS valid voltage range for VDD_CPU
0.6
0.9
V
VDDA_0P8_DLL_MMC0
MMC PLL analog supply
0.76
0.8
0.84
V
VDDAR_CORE
Main domain RAM supply
0.81
0.85
0.89
V
VDDAR_MCU
MCUSS RAM supply
0.81
0.85
0.89
V
VDDAR_CPU
CPU RAM supply
0.81
0.85
0.89
V
VDDA_0P8_DP
Displayport SERDES clock supply
0.76
0.8
0.84
V
VDDA_0P8_DP_C
Displayport SERDES clock supply
0.76
0.8
0.84
V
VDDA_0P8_DSITX
DSITX clock supply
0.76
0.8
0.84
V
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
157
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com