| Electronic Components Datasheet Search |
|
TDA4VM Datasheet(PDF) 160 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TDA4VM Datasheet(HTML) 160 Page - Texas Instruments |
|
160 / 331 page ![]() 6.5 Operating Performance Points This section describes the operating conditions of the device. This section also contains the description of each Operating Performance Point (OPP) for processor clocks and device core clocks. Table 6-1 describes the maximum supported frequency per speed grade for the device. Table 6-1. Speed Grade Maximum Frequency DEVICE MAXIMUM FREQUENCY (MHz) A72SS0 C66SS0 C71SS0 R5FSS0/1 MCU_ R5SS0 GPU CBASS0 VPAC DMPAC DMSC LPDDR4 TDA4VMxT 2000 1350 1000 1000 1000 750 500 720(1) 520(1) 333 4266 MT/s(2) TDA4VMxL 1500 1000 750 1000 1000 600 500 600(1) 433(1) 333 3733 MT/s(2) TDA4VMxE 1000 1000 750 1000 1000 400 500 600(1) N/A 333 3200 MT/s(2) (1) Max VPAC and DMPAC speeds not available concurrently due to PLL sharing (max combinations are 720/480 and 650/520 for VPAC/DMPAC, respectively. (2) Maximum DDR Frequency is limited based on the specific memory type (vendor) used in a system and by PCB implementation. TI strongly recommends that all designs follow the TI LPDDR4 EVM PCB layout exactly in every detail (routing, spacing, vias/backdrill, PCB material, and so forth) in order to achieve the full specified clock frequency. For details, see the Jacinto 7 LPDDR4 Board Design and Layout Guidelines. TDA4VM-Q1, TDA4VM SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024 www.ti.com 160 Submit Document Feedback Copyright © 2024 Texas Instruments Incorporated Product Folder Links: TDA4VM-Q1 TDA4VM |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |