Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM Datasheet(PDF) 159 Page - Texas Instruments

Click here to check the latest version.
Part # TDA4VM
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM Datasheet(HTML) 159 Page - Texas Instruments

Back Button TDA4VM Datasheet HTML 155Page - Texas Instruments TDA4VM Datasheet HTML 156Page - Texas Instruments TDA4VM Datasheet HTML 157Page - Texas Instruments TDA4VM Datasheet HTML 158Page - Texas Instruments TDA4VM Datasheet HTML 159Page - Texas Instruments TDA4VM Datasheet HTML 160Page - Texas Instruments TDA4VM Datasheet HTML 161Page - Texas Instruments TDA4VM Datasheet HTML 162Page - Texas Instruments TDA4VM Datasheet HTML 163Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 331 page
background image
6.4 Recommended Operating Conditions (continued)
over operating free-air temperature range (unless otherwise noted)
SUPPLY NAME
DESCRIPTION
MIN
(1)
NOM
MAX
(1)
UNIT
VDDSHV1
IO supply for main domain IO
group 1
1.8-V operation
1.71
1.8
1.89
V
3.3-V operation
3.14
3.3
3.46
V
VDDSHV1_MCU
IO supply for MCUSS IO group 1 1.8-V operation
1.71
1.8
1.89
V
3.3-V operation
3.14
3.3
3.46
V
VDDSHV2
IO supply for main domain IO
group 2
1.8-V operation
1.71
1.8
1.89
V
3.3-V operation
3.14
3.3
3.46
V
VDDSHV2_MCU
IO supply for MCUSS IO group 2 1.8-V operation
1.71
1.8
1.89
V
3.3-V operation
3.14
3.3
3.46
V
VDDSHV3
IO supply for main domain IO
group 3
1.8-V operation
1.71
1.8
1.89
V
3.3-V operation
3.14
3.3
3.46
V
VDDSHV4
IO supply for main domain IO
group 4
1.8-V operation
1.71
1.8
1.89
V
3.3-V operation
3.14
3.3
3.46
V
VDDSHV5
IO supply for main domain IO
group 5
1.8-V operation
1.71
1.8
1.89
V
3.3-V operation
3.14
3.3
3.46
V
VDDSHV6
IO supply for main domain IO
group 6
1.8-V operation
1.71
1.8
1.89
V
3.3-V operation
3.14
3.3
3.46
V
USB0_VBUS
Voltage range for USB VBUS comparator input
0
See (5)
3.46
V
USB1_VBUS
Voltage range for USB VBUS comparator input
See (5)
V
USB0_ID
Voltage range for the USB ID input
See (3)
V
USB1_ID
Voltage range for the USB ID input
See (3)
V
VSS
Ground
0
V
TJ
Operating junction temperature
range
Automotive
-40
125
°C
Extended
-40
105
°C
Commercial
0
90
°C
(1)
The voltage at the device ball must never be below the MIN voltage or above the MAX voltage for any amount of time. This
requirement includes dynamic voltage events such as AC ripple, voltage transients, voltage dips, and so forth.
(2)
VDDS_DDR is required to still be powered with LPDDR4 voltage ranges, even If DDR interface is unused.
(3)
This terminal is connected to analog circuits in the respective USB PHY. The circuit sources a known current while measuring the
voltage to determine if the terminal is connected to VSS with a resistance less than 10 Ω or greater than 100 kΩ. The terminal should
be connected to ground for USB host operation or open-circuit for USB peripheral operation, and should never be connected to any
external voltage source.
(4)
The AVS Voltages are device-dependent, voltage domain-dependent, and OPP-dependent. They must be read from the
VTM_DEVINFO_VDn. For information about VTM_DEVINFO_VDn Registers address, please refer to Voltage and Thermal Manager
section in the device TRM. The power supply should be adjustable over the ranges shown in the VDD_CPU AVS Range entry.
(5)
An external resistor divider is required to limit the voltage applied to this device pin. For more information, see Section 8.3.4, USB
VBUS Design Guidelines..
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
159
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com