Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM Datasheet(PDF) 161 Page - Texas Instruments

Click here to check the latest version.
Part # TDA4VM
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM Datasheet(HTML) 161 Page - Texas Instruments

Back Button TDA4VM Datasheet HTML 157Page - Texas Instruments TDA4VM Datasheet HTML 158Page - Texas Instruments TDA4VM Datasheet HTML 159Page - Texas Instruments TDA4VM Datasheet HTML 160Page - Texas Instruments TDA4VM Datasheet HTML 161Page - Texas Instruments TDA4VM Datasheet HTML 162Page - Texas Instruments TDA4VM Datasheet HTML 163Page - Texas Instruments TDA4VM Datasheet HTML 164Page - Texas Instruments TDA4VM Datasheet HTML 165Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 331 page
background image
6.6 Electrical Characteristics
Note
The interfaces or signals described in Table 6-2through Table 6-9 correspond to the interfaces or
signals available in multiplexing mode 0 (Primary Function).
All interfaces or signals multiplexed on the balls described in these tables have the same DC electrical
characteristics, unless multiplexing involves a PHY and GPIO combination, in which case different DC
electrical characteristics are specified for the different multiplexing modes (Functions).
Table 6-2. I2C, Open-Drain, Fail-Safe (I2C OD FS) Electrical Characteristics
Over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BALL NAMES in Mode 0: WKUP_I2C0_SDA, WKUP_I2C0_SCL, MCU_I2C0_SDA, MCU_I2C0_SCL, I2C0_SDA, I2C0_SCL, I2C1_SDA,
I2C1_SCL, EXTINTN
BALL NUMBERS:H24 / J25 / H25 / J26 / AA5 / AC5 / AA6 / Y6 / AC18 H24/ J25 / H25 / J26 / AA5 / AC5 / AA6 / Y6 / AC18
1.8-V MODE
VIL
Input low-level threshold
0.3 ×
VDDSHV(1)
V
VILSS
Input low-level threshold steady state
0.3 ×
VDDSHV(1)
V
VIH
Input high-level threshold
0.7 ×
VDDSHV(1)
V
VIHSS
Input high-level threshold steady state
0.7 ×
VDDSHV(1)
V
VHYS
Input Hysteresis Voltage
0.1 ×
VDDSHV(1)
mV
IIN
Input Leakage Current
VI = 1.8 V or 0 V
±10
µA
VOL
Output low-level voltage
0.2 ×
VDDSHV(1)
V
IOL (2)
Low Level Output Current
VOL(MAX)
6
mA
SRI (4)
Input Slew Rate
18f(3)
or
1.8E+6
V/s
3.3-V MODE (5)
VIL
Input low-level threshold
0.3 ×
VDDSHV(1)
V
VILSS
Input low-level threshold steady state
0.25 ×
VDDSHV(1)
V
VIH
Input high-level threshold
0.7 ×
VDDSHV(1)
V
VIHSS
Input high-level threshold steady state
0.7 ×
VDDSHV(1)
V
VHYS
Input Hysteresis Voltage
0.05 ×
VDDSHV(1)
mV
IIN
Input Leakage Current
VI = 3.3 V or 0 V
±10
µA
VOL
Output low-level voltage
0.4(1)
V
IOL (2)
Low Level Output Current
VOL(MAX)
6
mA
SRI (4)
Input Slew Rate
33f(3)
or
3.3E+6
8E + 7
V/s
(1)
VDDSHV stands for corresponding power supply. For more information on the power supply name and the corresponding ball, see
Section 5.2, Pin Attributes, POWER column.
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
161
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com