Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM Datasheet(PDF) 162 Page - Texas Instruments

Click here to check the latest version.
Part # TDA4VM
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM Datasheet(HTML) 162 Page - Texas Instruments

Back Button TDA4VM Datasheet HTML 158Page - Texas Instruments TDA4VM Datasheet HTML 159Page - Texas Instruments TDA4VM Datasheet HTML 160Page - Texas Instruments TDA4VM Datasheet HTML 161Page - Texas Instruments TDA4VM Datasheet HTML 162Page - Texas Instruments TDA4VM Datasheet HTML 163Page - Texas Instruments TDA4VM Datasheet HTML 164Page - Texas Instruments TDA4VM Datasheet HTML 165Page - Texas Instruments TDA4VM Datasheet HTML 166Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 331 page
background image
(2)
The IOL parameter defines the minimum Low Level Output Current for which the device is able to maintain the specified VOL value.
The value defined by this parameter should be considered the maximum current available to a system implementation which needs to
maintain the specified VOL value for attached components.
(3)
f = toggle frequency of the input signal in Hz.
(4)
This MIN parameter only applies to input signal functions which are not defined in their respective Timing and Switching
Characteristics sections. Select the MIN parameter which results in the largest value.
(5)
I2C Hs-mode is not supported, when operating the IO in 3.3-V mode.
Table 6-3. Fail-Safe Reset (FS Reset) Electrical Characteristics
Over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BALL NAMES in Mode 0: MCU_PORz, PORz
BALL NUMBERS:H23 / J24
VIL
Input low-level threshold
0.3 ×
VDDSHV(1)
V
VILSS
Input low-level threshold steady state
0.3 ×
VDDSHV(1)
V
VIH
Input high-level threshold
0.7 ×
VDDSHV(1)
V
VIHSS
Input high-level threshold steady state
0.7 ×
VDDSHV(1)
V
VHYS
Input Hysteresis Voltage
200
mV
IIN
Input Leakage Current
VI = 1.8 V or 0 V
±10
µA
(1)
VDDSHV stands for corresponding power supply. For more information on the power supply name and the corresponding ball, see
Section 5.2, Pin Attributes, POWER column.
Table 6-4. HFOSC/LFOSC Electrical Characteristics
Over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
HIGH FREQUENCY OSCILLATOR
BALL NAMES: WKUP_OSC0_XO, WKUP_OSC0_XI, OSC1_XO, OSC1_XI
BALL NUMBERS:M27 / M29 / P27 / P29
VIH
Input high-level threshold
0.65 ×
VDDSHV(1)
V
VIL
Input low-level threshold
0.35 ×
VDDSHV(1)
V
VHYS
Input Hysteresis Voltage
49
mV
LOW FREQUENCY OSCILLATOR
BALL NAMES: WKUP_LFOSC0_XO, WKUP_LFOSC0_XI
BALL NUMBERS:N26 / N28
VIH
Input high-level threshold
0.65 ×
VDDA_WKUP
(1)
V
VIL
Input low-level threshold
0.35 ×
VDDA_WKUP
(1)
V
VHYS
Input Hysteresis Voltage
Active Mode
85
mV
Bypass Mode
324
mV
(1)
VDDSHV stands for corresponding power supply. For WKUP_OSC0, the corresponding power supply is VDDA_WKUP. For OSC1_XI,
the corresponding power supply is VDDS_OSC1.
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
www.ti.com
162
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com