Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 130 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 130 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 126Page - Texas Instruments TDA4VM21 Datasheet HTML 127Page - Texas Instruments TDA4VM21 Datasheet HTML 128Page - Texas Instruments TDA4VM21 Datasheet HTML 129Page - Texas Instruments TDA4VM21 Datasheet HTML 130Page - Texas Instruments TDA4VM21 Datasheet HTML 131Page - Texas Instruments TDA4VM21 Datasheet HTML 132Page - Texas Instruments TDA4VM21 Datasheet HTML 133Page - Texas Instruments TDA4VM21 Datasheet HTML 134Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 331 page
background image
5.3.32.2.2 WKUP Domain
Table 5-120. Clock0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
WKUP_LFOSC0_XI
Low frequency (32.768 KHz) oscillator input
I
N28
WKUP_LFOSC0_XO
Low frequency (32.768 KHz) oscillator output
O
N26
WKUP_OSC0_XI
High frequency oscillator input
I
M29
WKUP_OSC0_XO
High frequency oscillator output
O
M27
5.3.32.3 System
5.3.32.3.1 MAIN Domain
Table 5-121. System0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
AUDIO_EXT_REFCLK0
External clock routed to ATL or MCASP as one of the
selectable input clock sources, or as a output clock
output for ATL or MCASP
IO
AD22
AUDIO_EXT_REFCLK1
External clock routed to ATL or MCASP as one of the
selectable input clock sources, or as a output clock
output for ATL or MCASP
IO
AE20
AUDIO_EXT_REFCLK2
External clock routed to ATL or MCASP as one of the
selectable input clock sources, or as a output clock
output for ATL or MCASP
IO
W26
AUDIO_EXT_REFCLK3
External clock routed to ATL or MCASP as one of the
selectable input clock sources, or as a output clock
output for ATL or MCASP
IO
W25
EXTINTn
External Interrupt
I
AC18
EXT_REFCLK1
External clock input to MAIN domain, routed to Timer
clock muxes as one of the selectable input clock
sources for Timer/WDT modules, or as reference clock
to MAIN_PLL2 (PER1 PLL)
I
U3
OBSCLK0
Observation clock output for test and debug purposes
only
O
V5
OBSCLK1
Observation clock output for test and debug purposes
only
O
AB24
OBSCLK2
Observation clock output for test and debug purposes
only
O
AD21
PORz_OUT
MAIN domain POR status output
O
U1
RESETSTATz
MAIN domain warm reset status output
O
T6
SOC_SAFETY_ERRORn
Error signal output from MAIN domain ESM
IO
U4
SYSCLKOUT0
SYSCLK0 output from MAIN PLL controller (divided by 6)
for test and debug purposes only
O
V6
VMON_ER_VSYS
Voltage Monitor for System supply, requires External
Resistor divider
A
M26
VMON_IR_VEXT
Voltage Monitor for External 1.8V supply, uses Internal
Resistor divider
A
V19
5.3.32.3.2 WKUP Domain
Table 5-122. System0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
MCU_CLKOUT0
Reference clock output for Ethernet PHYs (50MHz or
25MHz)
OZ
H27
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
www.ti.com
130
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com