Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 132 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 132 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 128Page - Texas Instruments TDA4VM21 Datasheet HTML 129Page - Texas Instruments TDA4VM21 Datasheet HTML 130Page - Texas Instruments TDA4VM21 Datasheet HTML 131Page - Texas Instruments TDA4VM21 Datasheet HTML 132Page - Texas Instruments TDA4VM21 Datasheet HTML 133Page - Texas Instruments TDA4VM21 Datasheet HTML 134Page - Texas Instruments TDA4VM21 Datasheet HTML 135Page - Texas Instruments TDA4VM21 Datasheet HTML 136Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 331 page
background image
Table 5-124. Power Supply Signal Description (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
VDDA_0P8_CSIRX
CSIRX analog supply low
PWR
H17
VDDA_0P8_DP
Displayport SERDES analog supply low
PWR
G12, J12
VDDA_0P8_DP_C
Displayport SERDES clock supply
PWR
G14, H13
VDDA_0P8_DSITX
DSITX clock supply
PWR
H15
VDDA_0P8_DSITX_C
DSITX clock supply
PWR
J16
VDDA_0P8_UFS
UFS analog supply low
PWR
AB9
VDDA_0P8_USB
USB0-1 0.8 V analog supply
PWR
AA10
VDDA_0P8_SERDES0_1
SERDES0-1 analog supply low
PWR
AA15, Y14, Y16
VDDA_0P8_SERDES2_3
SERDES2-3 analog supply low
PWR
AA12, Y11, Y13
VDDA_0P8_SERDES_C0_1
SERDES0-1 clock supply
PWR
AB14, AB15
VDDA_0P8_SERDES_C2_3
SERDES2-3 clock supply
PWR
AB12, AB13
VDDA_1P8_CSIRX
CSIRX analog supply high
PWR
G16
VDDA_1P8_DP
Displayport SERDES analog supply high
PWR
H11
VDDA_1P8_DSITX
DSITX analog supply high
PWR
J14
VDDA_1P8_UFS
UFS analog supply high
PWR
AC8
VDDA_1P8_USB
USB0-1 1.8 V analog supply
PWR
AC9
VDDA_1P8_SERDES0_1
SERDES0-1 analog supply high
PWR
AC14, AC15
VDDA_1P8_SERDES2_3
SERDES2-3 analog supply high
PWR
AC11, AC12
VDDA_3P3_USB
USB0-1 3.3 V analog supply
PWR
AB10
VDDA_ADC0
ADC analog supply and high voltage reference (VREFP)
PWR
N22
VDDA_ADC1
ADC analog supply and high voltage reference (VREFP)
PWR
M23
VDDA_0P8_PLL_DDR
DDR PLL analog supply
PWR
N9
VDDA_MCU_PLLGRP0
Analog supply for MCU PLL Group 0
PWR
G18
VDDA_MCU_TEMP
Analog supply for temperature sensor 0 in MCU domain
PWR
P21
VDDA_1P8_MLB
MLB IO supply (6-pin interface)
PWR
W7
VDDA_PLLGRP0
Analog supply for MAIN PLL Group 0
PWR
Y20
VDDA_PLLGRP1
Analog supply for MAIN PLL Group 1
PWR
W17
VDDA_PLLGRP2
Analog supply for MAIN PLL Group 2
PWR
M17
VDDA_PLLGRP3
Analog supply for MAIN PLL Group 3
PWR
L12
VDDA_PLLGRP4
Analog supply for MAIN PLL Group 4
PWR
R11
VDDA_PLLGRP5
Analog supply for MAIN PLL Group 5 (DDR)
PWR
P9
VDDA_PLLGRP6
Analog supply for MAIN PLL Group 6
PWR
W18
VDDA_0P8_PLL_MLB
MLB PLL analog supply
PWR
W8
VDDA_POR_WKUP
WKUP domain analog supply
PWR
P22
VDDA_TEMP0_1
Analog supply for temperature sensor 0 and 1
PWR
W15
VDDA_TEMP2_3
Analog supply for temperature sensor 2 amd 3
PWR
H9
VDDA_WKUP
Oscillator supply for WKUP domain
PWR
H22
VDDSHV0
IO supply for MAIN domain general
PWR
U8, V7
VDDSHV0_MCU
IO supply MCUSS general IO group, and MCU and MAIN
domain warm reset pins
PWR
L22, M22
VDDSHV1
IO supply for MAIN domain IO group 1
PWR
AA19, AA20, AC19,
AC20
VDDSHV1_MCU
IO supply for MCUSS IO group 1
PWR
H19, H21, J20
VDDSHV2
IO supply for MAIN domain IO group 2
PWR
AA17, AB16, AB18,
AC17
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
www.ti.com
132
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com