Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 135 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 135 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 131Page - Texas Instruments TDA4VM21 Datasheet HTML 132Page - Texas Instruments TDA4VM21 Datasheet HTML 133Page - Texas Instruments TDA4VM21 Datasheet HTML 134Page - Texas Instruments TDA4VM21 Datasheet HTML 135Page - Texas Instruments TDA4VM21 Datasheet HTML 136Page - Texas Instruments TDA4VM21 Datasheet HTML 137Page - Texas Instruments TDA4VM21 Datasheet HTML 138Page - Texas Instruments TDA4VM21 Datasheet HTML 139Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 331 page
background image
5.4 Pin Multiplexing
Note
Many device pins support multiple signal functions. Some signal functions are selected via a single layer of multiplexers associated with pins.
Other signal functions are selected via two or more layers of multiplexers, where one layer is associated with the pins and other layers are
associated with peripheral logic functions.
Table 5-125, Pin Multiplexing only describes signal multiplexing at the pins. For more information, related to signal multiplexing at the pins,
see Pad Configuration Registers section in Device Configuration chapter in the device TRM. Refer to the respective peripheral chapter in the
device TRM for information associated with peripheral signal multiplexing.
Note
When a pad is set into a pin multiplexing mode which is not defined, that pad’s behavior is undefined. This should be avoided.
Note
Table 5-125, Pin Multiplexing does not include SerDes signal functions. For more information, refer to the Serializer/Deserializer (SerDes)
chapter in the device TRM.
Note
Table 5-125, Pin Multiplexing does not include DPHY_TX signal functions. For more information, refer to the Shared D-PHY Transmitter
(DPHY_TX) chapter in the device TRM.
For more information on the I/O cell configurations, see Pad Configuration Registers section in Device Configuration chapter in the device TRM.
Table 5-125. Pin Multiplexing
ADDRESS
REGISTER
NAME
BALL
NUMB
ER
MUXMODE[14:0] SETTINGS
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Bootstrap
0x00011C2
94
PADCONFIG165
AD1
MLB0_ML
BSP
GPIO1_30
0x00011C2
9C
PADCONFIG167
AC3
MLB0_ML
BDP
GPIO1_32
0x00011C2
90
PADCONFIG164
U6
USB0_DR
VVBUS
USB1_DR
VVBUS
GPIO1_29
0x00011C2
98
PADCONFIG166
AC1
MLB0_ML
BSN
GPIO1_31
0x00011C2
A0
PADCONFIG168
AD3
MLB0_ML
BDN
GPIO1_33
0x00011C2
A4
PADCONFIG169
AD2
MLB0_ML
BCP
GPIO1_34
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
135
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com