Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 181 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 181 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 177Page - Texas Instruments TDA4VM21 Datasheet HTML 178Page - Texas Instruments TDA4VM21 Datasheet HTML 179Page - Texas Instruments TDA4VM21 Datasheet HTML 180Page - Texas Instruments TDA4VM21 Datasheet HTML 181Page - Texas Instruments TDA4VM21 Datasheet HTML 182Page - Texas Instruments TDA4VM21 Datasheet HTML 183Page - Texas Instruments TDA4VM21 Datasheet HTML 184Page - Texas Instruments TDA4VM21 Datasheet HTML 185Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 331 page
background image
J7ES_ELCH_03
T0
T1
T2
T3
T4
Valid Configuration
T0
T1
T2
T3
VDDSHV0_MCU, VDDSHV1_MCU, VDDSHV2_MCU
(3)(5a)
VDDSHV0, VDDSHV1, VDDSHV2, VDDSHV3,
VDDSHV4, VDDSHV5, VDDSHV6
,VDDA_3P3_USB
(3)(5b)
VDDS_MMC0
VDDA_MCU_PLLGRP0, VDDA_MCU_TEMP, VDDA_ADC0,
VDDA_ADC1, VDDA_POR_WKUP, VDDA_WKUP
VDD_MCU, VDDAR_MCU
(7)
VDDA_0P8_SERDES0_1,
VDDA_0P8_SERDES2_3, VDDA_0P8_SERDES_C0_1,
VDDA_0P8_SERDES_C2_3, VDDA_0P8_DP, VDDA_0P8_DP_C,
VDDA_0P8_CSIRX, VDDA_0P8_UFS, VDDA_0P8_USB,
VDDA_0P8_DSITX, VDDA_0P8_DSITX_C
VDD_CORE, VDD_MCU,
VDDAR_CORE,
VDDAR_MCU
VDDAR_CPU,
(7)
MCU_PORz
(9)(10)
PORz
(9)(10)
OSC1_XI, OSC1_XO
WKUP_LFOSC0_XI, WKUP_LFOSC0_XO
(optional)
WKUP_OSC0_XI, WKUP_OSC0_XO
(optional)
VDDS_DDR, VDDS_DDR_C, VDDS_DDR_BIAS
VDDSHV0_MCU, VDDSHV1_MCU, VDDSHV2_MCU
(4)
VDDSHV0, VDDSHV1, VDDSHV2, VDDSHV3,
VDDSHV4, VDDSHV5, VDDSHV6
(4)
VDDS_OSC1, VDDA_PLLGRP0,
VDDA_PLLGRP1, VDDA_PLLGRP2,
VDDA_PLLGRP3, VDDA_PLLGRP4, VDDA_PLLGRP5,
VDDA_PLLGRP6, VDDA_TEMP0_1, VDDA_TEMP2_3,
VDD_CPU
T4
VDDA_1P8_CSIRX, VDDA_1P8_UFS, VDDA_1P8_USB,
VDDA_1P8_DP, VDDA_1P8_DSITX, VDDA_1P8_MLB,
VDDA_1P8_SERDES0_1, VDDA_1P8_SERDES2_3
(6)
VDDA_0P8_PLL_DDR, VDDA_0P8_DLL_MMC0, VDDA_0P8_PLL_MLB
SYSBOOT[17:0]
(9)
Active
Active
Entry into MCU only
MCU only
Exit from MCU only
Figure 6-7. Entry and Exit of MCU Only Sequencing
6.9.2.7 Entry and Exit of DDR Retention State
Entry into DDR Retention (Suspend-to-RAM or S2R) state is accomplished by executing a power down
sequence except for the 1 device DDR supply group (VDDS_DDR_BIAS, VDDS_DDR, and VDDS_DDR_C
at 1.1V), and 1 additional discrete SDRAM supply (VDD_LPDDR4_1V8 at 1.8V; not shown in diagram below)
that remain energized. Exit from DDR Retention state is accomplished by executing a power up sequence with
these 2 DDR supply groups remaining energized throughout the sequence. The example diagram shown is for
an Isolated MCU & Main PDN type with eMMC support.
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
181
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com