Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 183 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 183 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 179Page - Texas Instruments TDA4VM21 Datasheet HTML 180Page - Texas Instruments TDA4VM21 Datasheet HTML 181Page - Texas Instruments TDA4VM21 Datasheet HTML 182Page - Texas Instruments TDA4VM21 Datasheet HTML 183Page - Texas Instruments TDA4VM21 Datasheet HTML 184Page - Texas Instruments TDA4VM21 Datasheet HTML 185Page - Texas Instruments TDA4VM21 Datasheet HTML 186Page - Texas Instruments TDA4VM21 Datasheet HTML 187Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 331 page
background image
6.9.3 System Timing
For more details about features and additional description information on the subsystem multiplexing signals,
see the corresponding sections within Section 5.3, Signal Descriptions and Section 7, Detailed Description.
Table 6-13. System Timing Conditions
PARAMETER
MIN
MAX UNIT
INPUT CONDITIONS
SRI
Input slew rate
0.5
2
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
3
30
pF
6.9.3.1 Reset Timing
Tables and figures provided in this section define timing requirements and switching characteristics for reset
related signals.
Table 6-14. MCU_PORz Timing Requirements
see Figure 6-9
NO.
MIN
TYP
MAX UNIT
RST1
th(MCUD_SUPPLIES_VALID - MCU_PORz)
Hold time, MCU_PORz active (low) at Power-
up after all MCU DOMAIN supplies valid (using
external crystal)
N +
1200(2)
9500000
ns
RST2
Hold time, MCU_PORz active (low) at Power-
up after all MCU DOMAIN supplies(1) valid and
external clock stable (using external LVCMOS
oscillator)
1200
ns
RST3 tw(MCU_PORzL)
Pulse Width minimum, MCU_PORz low after
Power-up (without removal of Power or system
reference clock MCU_OSC0_XI/XO)
1200
ns
(1)
For definition of the MCU DOMAIN supplies, see the Combined MCU and Main Domains Power-Up sequence.
(2)
N = oscillator start-up time
MCU_PORz
RST1
RST3
MCU_OSC0_XI,
MCU_OSC0_XO
RST2
MCU DOMAIN
SUPPLIES VALID
Figure 6-9. MCU_PORz Timing Requirements
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
183
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com