Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 189 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 189 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 185Page - Texas Instruments TDA4VM21 Datasheet HTML 186Page - Texas Instruments TDA4VM21 Datasheet HTML 187Page - Texas Instruments TDA4VM21 Datasheet HTML 188Page - Texas Instruments TDA4VM21 Datasheet HTML 189Page - Texas Instruments TDA4VM21 Datasheet HTML 190Page - Texas Instruments TDA4VM21 Datasheet HTML 191Page - Texas Instruments TDA4VM21 Datasheet HTML 192Page - Texas Instruments TDA4VM21 Datasheet HTML 193Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 331 page
background image
Table 6-22. EMUx Timing Requirements
see Figure 6-15
NO.
MIN
MAX UNIT
RST30
tsu(EMUx-MCU_PORz)
Setup time, EMU[1:0] before MCU_PORz inactive (high)
3*S(1)
ns
RST31
th(MCU_PORz - EMUx)
Hold time, EMU[1:0] after MCU_PORz inactive (high)
10
ns
(1)
S = MCU_OSC0_XI/XO clock period.
EMU[1:0]
MCU_PORz
RST30
RST31
Figure 6-15. EMUx Timing Requirements
Table 6-23. MCU_BOOTMODE Timing Requirements
see Figure 6-16
NO.
MIN
MAX UNIT
RST32
tsu(MCU_BOOTMODE-MCU_PORz_OUT)
Setup time, MCU_BOOTMODE[09:00] before
MCU_PORz_OUT high
3*S(1)
ns
RST33
th(MCU_PORz_OUT - MCU_BOOTMODE)
Hold time, MCU_BOOTMODE[09:00] after MCU_
PORz_OUT high
0
ns
(1)
S = MCU_OSC0_XI/XO clock period.
RST32
MCU_PORz_OUT
MCU_BOOTMODE[09:00]
RST33
Figure 6-16. MCU_BOOTMODE Timing Requirements
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
189
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com