| Electronic Components Datasheet Search |
|
TDA4VM21 Datasheet(PDF) 193 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TDA4VM21 Datasheet(HTML) 193 Page - Texas Instruments |
|
193 / 331 page ![]() SYSCLKOUT0 OBSCLK0 CLKOUT0 CLK4 CLK5 CLK6 CLK7 CLK8 CLK9 CLK10 CLK11 CLK12 MCU_SYSCLKOUT0 CLK13 CLK14 CLK15 MCU_OBSCLK0 CLK16 CLK17 CLK18 Figure 6-21. Clock Switching Characteristics 6.9.4 Clock Specifications 6.9.4.1 Input and Output Clocks / Oscillators Various external clock inputs/outputs are needed to drive the device. Summary of these input clock signals is as follows: • OSC1_XO/OSC1_XI — Еxternal main crystal interface pins connected to internal oscillator which sources reference clock and provides reference clock to PLLs within MAIN domain. Also, for audio applications, high-frequency oscillator 0 is used to provide audio clock frequencies to MCASPs. • High frequency oscillators inputs – OSC1_XO/OSC1_XI — external main crystal interface pins connected to internal oscillator which sources reference clock. Provides reference clock to PLLs within MCU domain and MAIN domain. This high- frequency oscillator is used to provide audio clock frequencies to MCASPs. – WKUP_OSC0_XO/WKUP_OSC0_XI — external main crystal interface pins connected to internal oscillator which sources reference clock. Provides reference clock to PLLs within WKUP and MAIN domain. • Low frequency oscillator input – WKUP_LFOSC_XO/WKUP_LFOSC_XI — external main crystal interface pins connected to internal oscillator which sources reference clock provides a clock for low power operation in deeper sleep modes. • General purpose clock inputs – MCU_EXT_REFCLK0 — optional external. Provides system clock input (MCU domain). – EXT_REFCLK1 — optional external System clock input (MAIN domain). Optionally PLL2 (PER1) and MCASP can be sourced by EXT_REFCLK1 (sourced externally). – SERDES4_REFCLK_P/N — SerDes reference clock input for PCIe or Optional USB3 and SGMII interfaces. – PCIE_REFCLK[3:0]N/P — There are 4 differential clock input/output pins to support PCIe devices. • External video pixel clock inputs – VOUT0_EXTPCLKIN — optional for the DPI0 port of DSS. – VOUT1_EXTPCLKIN — optional for the DPI1 port of DSS. • External CPTS reference clock inputs www.ti.com TDA4VM-Q1, TDA4VM SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 193 Product Folder Links: TDA4VM-Q1 TDA4VM |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |