Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 195 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 195 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 191Page - Texas Instruments TDA4VM21 Datasheet HTML 192Page - Texas Instruments TDA4VM21 Datasheet HTML 193Page - Texas Instruments TDA4VM21 Datasheet HTML 194Page - Texas Instruments TDA4VM21 Datasheet HTML 195Page - Texas Instruments TDA4VM21 Datasheet HTML 196Page - Texas Instruments TDA4VM21 Datasheet HTML 197Page - Texas Instruments TDA4VM21 Datasheet HTML 198Page - Texas Instruments TDA4VM21 Datasheet HTML 199Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 331 page
background image
For more information about Input clock interfaces, see Clocking section in Device Configuration chapter in the
device TRM.
6.9.4.1.1 WKUP_OSC0 Internal Oscillator Clock Source
Figure 6-23 shows the recommended crystal circuit. All discrete components used to implement the oscillator
circuit should be placed as close as possible to the WKUP_OSC0_XI and WKUP_OSC0_XO pins.
Device
WKUP_OSC0_XO
WKUP_OSC0_XI
C
f1
Crystal
Rd
C
f2
(Optional)
J7ES_WKUP_OSC_INT_02
Rbias
(Optional)
PCB Ground
Figure 6-23. WKUP_OSC0 Crystal Implementation
The crystal must be in the fundamental mode of operation and parallel resonant. Table 6-29 summarizes the
required electrical constraints.
Table 6-29. WKUP_OSC0 Crystal Electrical Characteristics
PARAMETER
MIN
TYP
MAX
UNIT
Fxtal
Crystal Parallel Resonance Frequency
19.2, 20, 24, 25, 26, 27
MHz
Fxtal
Crystal Frequency Stability and Tolerance
Ethernet RGMII and RMII
not used
±100
ppm
Ethernet RGMII and RMII
using derived clock
±50
CL1+PCBXI
Capacitance of CL1 + CPCBXI
12
24
pF
CL2+PCBXO
Capacitance of CL2 + CPCBXO
12
24
pF
CL
Crystal Load Capacitance
6
12
pF
Cshunt
Crystal Circuit Shunt Capacitance
ESRxtal = 30 Ω
19.2 MHz, 20 MHz,
24 MHz, 25 MHz, 26 MHz,
27 MHz
7
pF
ESRxtal = 40 Ω
19.2 MHz, 20 MHz,
24 MHz, 25 MHz, 26 MHz,
27 MHz
5
pF
ESRxtal = 50 Ω
19.2 MHz, 20 MHz,
24 MHz, 25 MHz, 26 MHz,
27 MHz
5
pF
ESRxtal = 60 Ω
19.2 MHz, 20 MHz, 24 MHz
5
pF
ESRxtal = 80 Ω
19.2 MHz, 20 MHz
5
pF
25 MHz
3
pF
ESRxtal = 100 Ω 19.2 MHz, 20 MHz
3
pF
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
195
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com