Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 198 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 198 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 194Page - Texas Instruments TDA4VM21 Datasheet HTML 195Page - Texas Instruments TDA4VM21 Datasheet HTML 196Page - Texas Instruments TDA4VM21 Datasheet HTML 197Page - Texas Instruments TDA4VM21 Datasheet HTML 198Page - Texas Instruments TDA4VM21 Datasheet HTML 199Page - Texas Instruments TDA4VM21 Datasheet HTML 200Page - Texas Instruments TDA4VM21 Datasheet HTML 201Page - Texas Instruments TDA4VM21 Datasheet HTML 202Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 331 page
background image
J7ES_WKUP_OSC_SC_06
Device
WKUP_OSC0_XO
WKUP_OSC0_XI
C
PCBXIXO
PCB
Signal Traces
Crystal Circuit
Components
C
XIXO
C
O
Figure 6-26. Shunt Capacitance
A crystal should be chosen such that the below equation is satisfied. CO in the equation is the maximum shunt
capacitance specified by the crystal manufacturer.
Cshunt ≥ CO + CPCBXIXO + CXIXO
For example, the equation would be satisfied when the crystal being used is 25 MHz with an ESR = 30 Ω,
CPCBXIXO = 0.04 pF, CXIXO = 0.01 pF, and shunt capacitance of the crystal is less than or equal to 6.95 pF.
6.9.4.1.2 WKUP_OSC0 LVCMOS Digital Clock Source
Figure 6-27 shows the recommended oscillator connections when WKUP_OSC0_XI is connected to a 1.8-V
LVCMOS square-wave digital clock source.
Note
A DC steady-state condition is not allowed on WKUP_OSC0_XI when the oscillator is powered up.
This is not allowed because WKUP_OSC0_XI is internally AC coupled to a comparator that may enter
a unknown state when DC is applied to the input. Therefore, application software should power down
WKUP_OSC0 any time WKUP_OSC0_XI is not toggling between logic states.
Device
WKUP_OSC0_XO
WKUP_OSC0_XI
J7ES_WKUP_OSC_EXT_CLK_05
PCB Ground
Figure 6-27. 1.8-V LVCMOS-Compatible Clock Input
6.9.4.1.3 Auxiliary OSC1 Internal Oscillator Clock Source
Figure 6-28 shows the recommended crystal circuit. All discrete components used to implement the oscillator
circuit should be placed as close as possible to the OSC1_XI and OSC1_XO pins.
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
www.ti.com
198
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com