Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 196 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 196 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 192Page - Texas Instruments TDA4VM21 Datasheet HTML 193Page - Texas Instruments TDA4VM21 Datasheet HTML 194Page - Texas Instruments TDA4VM21 Datasheet HTML 195Page - Texas Instruments TDA4VM21 Datasheet HTML 196Page - Texas Instruments TDA4VM21 Datasheet HTML 197Page - Texas Instruments TDA4VM21 Datasheet HTML 198Page - Texas Instruments TDA4VM21 Datasheet HTML 199Page - Texas Instruments TDA4VM21 Datasheet HTML 200Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 331 page
background image
Table 6-29. WKUP_OSC0 Crystal Electrical Characteristics (continued)
PARAMETER
MIN
TYP
MAX
UNIT
ESRxtal
Crystal Effective Series Resistance
100
Ω
When selecting a crystal, the system design must consider the temperature and aging characteristics of a based
on the worst case environment and expected life expectancy of the system.
Table 6-30 details the switching characteristics of the oscillator and the requirements of the input clock.
Table 6-30. WKUP_OSC0 Switching Characteristics – Crystal Mode
PARAMETER
MIN
TYP
MAX UNIT
CXI
XI Capacitance
1.55
pF
CXO
XO Capacitance
1.35
pF
CXIXO
XI to XO Mutual Capacitance
0.1
pF
ts
Maximum Start-up Time
9.5(1)
ms
(1)
TI strongly encourages each customer to submit samples of the device to the resonator/crystal vendors for validation. The
vendors are equipped to determine what load capacitors will best tune their resonator/crystal to the microcontroller device
for optimum startup and operation over temperature/voltage extremes.
VDDA_WKUP
WKUP_OSC0_XO
t
sX
Time
VSS
VDDA_WKUP (min.)
VDD_WKUP (min.)
VSS
VDD_WKUP
J7ES_WKUP_OSC_STARTUP_04
Figure 6-24. WKUP_OSC0 Start-up Time
6.9.4.1.1.1 Load Capacitance
The crystal circuit must be designed such that it applies the appropriate capacitive load to the crystal, as defined
by the crystal manufacturer. The capacitive load, CL, of this circuit is a combination of discrete capacitors
CL1, CL2, and several parasitic contributions. PCB signal traces which connect crystal circuit components to
WKUP_OSC0_XI and WKUP_OSC0_XO have parasitic capacitance to ground, CPCBXI and CPCBXO, where the
PCB designer should be able to extract parasitic capacitance for each signal trace. The WKUP_OSC0 circuits
and device package have combined parasitic capacitance to ground, CPCBXI and CPCBXO, where these parasitic
capacitance values are defined in Table 6-30.
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
www.ti.com
196
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com