Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 194 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 194 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 190Page - Texas Instruments TDA4VM21 Datasheet HTML 191Page - Texas Instruments TDA4VM21 Datasheet HTML 192Page - Texas Instruments TDA4VM21 Datasheet HTML 193Page - Texas Instruments TDA4VM21 Datasheet HTML 194Page - Texas Instruments TDA4VM21 Datasheet HTML 195Page - Texas Instruments TDA4VM21 Datasheet HTML 196Page - Texas Instruments TDA4VM21 Datasheet HTML 197Page - Texas Instruments TDA4VM21 Datasheet HTML 198Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 331 page
background image
– MCU_CPTS_RFT_CLK — CPTS reference clock inputs for MCU_CPTS_RFT_CLK.
– CPTS_RFT_CLK — CPTS reference clock inputs for CPTS_RFT_CLK.
• External audio reference clock input/output pins
– AUDIO_EXT_REFCLK0
– AUDIO_EXT_REFCLK1
– AUDIO_EXT_REFCLK2
– AUDIO_EXT_REFCLK3
Figure 6-22 shows the external input clock sources and the output clocks to peripherals.
DEVICE
MCU_SYSCLKOUT0
Selects Main PLL output divide-by-6
External main crystal interface pins connected to internal oscillator
which provides reference clock to PLLs within MCU domain
and MAIN domain.
Optional pins to provide reference clock input to the PLLs.
OSC1_XI
OSC1_XO
SYSCLKOUT0
J7ES_CLOCK_01
External Low frequency crystal interface pins connected to internal oscillator
which provides a 32.768 KHz clock for low power operation
in deeper sleep modes.
WKUP_LFOSC0_XI
WKUP_LFOSC0_XO
External Wake-up crystal interface pins connected to internal oscillator
which provides reference clock to PLLs within MAIN domain, and
audio clock frequencies to MCASPs.
WKUP_OSC0_XI
WKUP_OSC0_XO
TCK
MCU_EXT_REFCLK0 / EXT_REFCLK1
Optional external System clock inputs - (MCU domain) / (MAIN domain)
JTAG Clock Input
MCU_CLKOUT0
CLKOUT
Optional for the DPI0/1 Ports of DSS
VOUT[1:0]_EXTPCLKIN
CPTS reference clock input for CPTS_RFT_CLK / MCU_CPTS_RFT_CLK
MCU_CPTS0_RFT_CLK / CPTS0_RFT_CLK
MCU_PORz / PORz
PCIE_REFCLK[3:0]N/P
MCU_RESETz/ RESET_REQz
MCU Warm Reset Input / Device Warm Reset Input
BOOTMODE[7:0]
MCU Power ON Reset / Device Power ON Reset
Boot Mode Configuration / devices select
MCU_BOOTMODE[09:00]
MCU Boot Mode system clock speed and fail-safe boot device
DDR0_CKP/DDR0_CKN
DDR Differential Clock outputs
There are 4 differential clock input/output pins to support PCIe devices
SERDES4_REFCLK_P/N
SerDes reference clock input for PCIe or Optional USB3 and SGMII interfaces
MCU_OBSCLK0 / OBSCLK[2:0]
Observation clock outputs for MCU Domain clock / MAIN Domain clocks
External audio reference clock input/output pins
AUDIO_EXT_REFCLK[3:0]
Reference clock output for Ethernet PHYs (50MHz or 25MHz)
Reference clock output
Figure 6-22. Input Clocks Interface
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
www.ti.com
194
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com