Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 244 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 244 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 240Page - Texas Instruments TDA4VM21 Datasheet HTML 241Page - Texas Instruments TDA4VM21 Datasheet HTML 242Page - Texas Instruments TDA4VM21 Datasheet HTML 243Page - Texas Instruments TDA4VM21 Datasheet HTML 244Page - Texas Instruments TDA4VM21 Datasheet HTML 245Page - Texas Instruments TDA4VM21 Datasheet HTML 246Page - Texas Instruments TDA4VM21 Datasheet HTML 247Page - Texas Instruments TDA4VM21 Datasheet HTML 248Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 331 page
background image
6.9.5.12.3 GPMC and NAND Flash — Asynchronous Mode
Section 6.9.5.12.3.1 and Section 6.9.5.12.3.2 assume testing over the recommended operating conditions and
electrical characteristic conditions below (see Figure 6-74 through Figure 6-77).
6.9.5.12.3.1 GPMC and NAND Flash Timing Requirements – Asynchronous Mode
NO.
MODE(4)
MIN
MAX
UNIT
133 MHz(5)
GNF12(1)
tacc(d)
Access time, input data GPMC_AD[15:0](3) div_by_1_mode;
J(2)
ns
(1)
The GNF12 parameter illustrates the amount of time required to internally sample input data. It is expressed in number of GPMC
functional clock cycles. From start of the read cycle and after GNF12 functional clock cycles, input data is internally sampled by the
active functional clock edge. The GNF12 value must be stored inside AccessTime register bit field.
(2)
J = AccessTime × (TimeParaGranularity + 1) × GPMC_FCLK(3)
(3)
GPMC_FCLK is general-purpose memory controller internal functional clock period in ns.
(4)
For div_by_1_mode:
•
GPMC_CONFIG1_i Register: GPMCFCLKDIVIDER = 0h:
–
GPMC_CLK frequency = GPMC_FCLK frequency
(5)
For 133 MHz:
•
CTRLMMR_GPMC_CLKSEL[1-0] CLK_SEL = 00 = MAIN_PLL0_HSDIV3_CLKOUT
6.9.5.12.3.2 GPMC and NAND Flash Switching Characteristics – Asynchronous Mode
NO.
PARAMETER
MODE
(15)
MIN
MAX
UNIT
133 MHz
(16)
GNF0 tw(wenV)
Pulse duration, output write enable GPMC_WEn
valid
div_by_1_mode;
A(1)
ns
GNF1 td(csnV-wenV)
Delay time, output chip select GPMC_CSn[i](13)
valid to output write enable GPMC_WEn valid
div_by_1_mode;
B(2)-2.55 B(2)+2.65
ns
GNF2 tw(cleH-wenV)
Delay time, output lower-byte enable and
command latch enable GPMC_BE0n_CLE high to
output write enable GPMC_WEn valid
div_by_1_mode;
C(3)-2.55 C(3)+2.65
ns
GNF3 tw(wenV-dV)
Delay time, output data GPMC_AD[15:0] valid to
output write enable GPMC_WEn valid
div_by_1_mode;
D(4)-2.55 D(4)+2.65
ns
GNF4 tw(wenIV-dIV)
Delay time, output write enable GPMC_WEn
invalid to output data GPMC_AD[15:0] invalid
div_by_1_mode;
E(5)-2.55 E(5)+2.65
ns
GNF5 tw(wenIV-cleIV)
Delay time, output write enable GPMC_WEn
invalid to output lower-byte enable and command
latch enable GPMC_BE0n_CLE invalid
div_by_1_mode;
F(6)-2.55 F(6)+2.65
ns
GNF6 tw(wenIV-CSn[i]V) Delay time, output write enable GPMC_WEn
invalid to output chip select GPMC_CSn[i](13)
invalid
div_by_1_mode;
G(7)-2.55 G(7)+2.65
ns
GNF7 tw(aleH-wenV)
Delay time, output address valid and address latch
enable GPMC_ADVn_ALE high to output write
enable GPMC_WEn valid
div_by_1_mode;
C(3)-2.55 C(3)+2.65
ns
GNF8 tw(wenIV-aleIV)
Delay time, output write enable GPMC_WEn
invalid to output address valid and address latch
enable GPMC_ADVn_ALE invalid
div_by_1_mode;
F(6)-2.55 F(6)+2.65
ns
GNF9 tc(wen)
Cycle time, write
div_by_1_mode;
H(8)
ns
GNF10 td(csnV-oenV)
Delay time, output chip select GPMC_CSn[i](13)
valid to output enable GPMC_OEn_REn valid
div_by_1_mode;
I(9)-2.55
I(9)+2.65
ns
GNF13 tw(oenV)
Pulse duration, output enable GPMC_OEn_REn
valid
div_by_1_mode;
K(10)
ns
GNF14 tc(oen)
Cycle time, read
div_by_1_mode;
L(11)
ns
GNF15 tw(oenIV-CSn[i]V)
Delay time, output enable GPMC_OEn_REn
invalid to output chip select GPMC_CSn[i](13)
invalid
div_by_1_mode;
M(12)-2.55
M
(12)+2.65
ns
(1)
A = (WEOffTime - WEOnTime) × (TimeParaGranularity + 1) × GPMC_FCLK(14)
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
www.ti.com
244
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com