Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 246 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 246 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 242Page - Texas Instruments TDA4VM21 Datasheet HTML 243Page - Texas Instruments TDA4VM21 Datasheet HTML 244Page - Texas Instruments TDA4VM21 Datasheet HTML 245Page - Texas Instruments TDA4VM21 Datasheet HTML 246Page - Texas Instruments TDA4VM21 Datasheet HTML 247Page - Texas Instruments TDA4VM21 Datasheet HTML 248Page - Texas Instruments TDA4VM21 Datasheet HTML 249Page - Texas Instruments TDA4VM21 Datasheet HTML 250Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 331 page
background image
GPMC_FCLK
GPMC_CSn[i]
GPMC_BE0n_CLE
GPMC_ADVn_ALE
GPMC_OEn_REn
GPMC_WEn
GPMC_AD[15:0]
Address
GNF0
GNF1
GNF7
GNF3
GNF4
GNF6
GNF8
GNF9
GPMC_13
A.
In GPMC_CSn[i], i is equal to 0, 1, 2 or 3.
Figure 6-75. GPMC and NAND Flash — Address Latch Cycle
GPMC_CSn[i]
GPMC_BE0n_CLE
GPMC_ADVn_ALE
GPMC_OEn_REn
GPMC_FCLK
GPMC_WAIT[j]
GNF10
GNF14
GNF15
GNF12
GNF13
DATA
GPMC_AD[15:0]
GPMC_14
A.
GNF12 parameter illustrates amount of time required to internally sample input data. It is expressed in number of GPMC functional
clock cycles. From start of read cycle and after GNF12 functional clock cycles, input data will be internally sampled by active functional
clock edge. GNF12 value must be stored inside AccessTime register bits field.
B.
GPMC_FCLK is an internal clock (GPMC functional clock) not provided externally.
C.
In GPMC_CSn[i], i is equal to 0, 1, 2 or 3. In GPMC_WAIT[j], j is equal to 0, 1, 2, or 3.
Figure 6-76. GPMC and NAND Flash — Data Read Cycle
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
www.ti.com
246
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com