Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM21 Datasheet(PDF) 249 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 249 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 245Page - Texas Instruments TDA4VM21 Datasheet HTML 246Page - Texas Instruments TDA4VM21 Datasheet HTML 247Page - Texas Instruments TDA4VM21 Datasheet HTML 248Page - Texas Instruments TDA4VM21 Datasheet HTML 249Page - Texas Instruments TDA4VM21 Datasheet HTML 250Page - Texas Instruments TDA4VM21 Datasheet HTML 251Page - Texas Instruments TDA4VM21 Datasheet HTML 252Page - Texas Instruments TDA4VM21 Datasheet HTML 253Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 331 page
background image
Section 6.9.5.13.1, Section 6.9.5.13.2, and Section 6.9.5.13.3 assume testing over the recommended operating
conditions and electrical characteristic conditions (see Figure 6-78, Figure 6-79, and Figure 6-80).
Table 6-59 represents HyperBus timing conditions.
Table 6-59. HyperBus Timing Conditions
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
2
5
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
1.5
10
pF
PCB CONNECTIVITY REQUIREMENTS
td(Trace Mismatch
Delay)
Propagation delay mismatch between
traces
CK and CKn;
RWDS and DQ[7:0]
10
ps
CK/CKn and RWDS;
CK/CKn and CSn
200
ps
CK/CKn and DQ[7:0]
35
ps
RESETn and CSn[1:0]
340
ps
6.9.5.13.1 Timing Requirements for HyperBus
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
D1
tw(resetnL)
Pulse duration, HYPERBUS0_RESETn low
200
ns
D2
tw(csnL)
Pulse duration, HYPERBUS0_CSn[1:0] low
1000
ns
D3
td(resetnH-csnL)
Delay time, HYPERBUS0_RESETn rising edge to
HYPERBUS0_CSn[1:0] falling edge
200.34
ns
D4
td(csnL-rwdsL)
Delay time, HYPERBUS0_CSn[1:0] falling edge to
HYPERBUS0_RWDS falling edge
166 MHz
186
ns
100 MHz
182
ns
D5
tskn(rwdsV-dV)
Input skew, HYPERBUS0_RWDS transition to
HYPERBUS0_DQ[7:0] valid
166 MHz
-0.46
0.46
ns
LFD5
100 MHz
-0.81
0.81
ns
6.9.5.13.2 HyperBus 166 MHz Switching Characteristics
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
D6
tc(ck/ckn)
Cycle time, HYPERBUS0_CK/CKn
6
ns
D7
tw(ck/ckn)
Pulse duration, HYPERBUS0_CK/CKn high or low
2.85
ns
D8
tw(csnH)
Pulse duration, HYPERBUS0_CSn[1:0] invalid between operations
6
ns
D9
td(csnL-ckH/cknL)
Delay time, HYPERBUS0_CSn[1:0] falling edge to first
HYPERBUS0_CK rising (HYPERBUS0_CKn falling) edge
-3.28
ns
D10
td(ckL/cknH-csnH)
Delay time, last falling HYPERBUS0_CK (rising HYPERBUS0_Ckn)
edge to HYPERBUS0_CSn[1:0] rising
0.28
ns
D11
td(ckV/cknV-rwdsV)
Delay time, HYPERBUS0_CK/CKn transition to
HYPERBUS0_RWDS valid
0.68
2.14
ns
D12
td(ckV-dV)
Delay time, HYPERBUS0_CK/CKn transition to
HYPERBUS0_DQ[7:0] valid
0.71
2.3
ns
6.9.5.13.3 HyperBus 100 MHz Switching Characteristics
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
LFD6
tc(ck/ckn)
Cycle time, HYPERBUS0_CK/CKn
10
ns
LFD7
tw(ck/ckn)
Pulse duration, HYPERBUS0_CK/CKn high or low
4.88
ns
LFD8
tw(csnH)
Pulse duration, HYPERBUS0_CSn[1:0] invalid between operations
10
ns
LFD9
td(csnL-ckH/cknL)
Delay time, HYPERBUS0_CSn[1:0] falling edge to first
HYPERBUS0_CK rising (HYPERBUS0_CKn falling) edge
-3.33
ns
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
249
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com