Electronic Components Datasheet Search
  English  ▼

X  

MCP16502 Datasheet(PDF) 44 Page - Microchip Technology

Part # MCP16502
Description  High-Performance PMIC for SAMA5DX/SAM9X6/SAM9X7/SAMA7G Series MPUs
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16502 Datasheet(HTML) 44 Page - Microchip Technology

Back Button MCP16502 Datasheet HTML 40Page - Microchip Technology MCP16502 Datasheet HTML 41Page - Microchip Technology MCP16502 Datasheet HTML 42Page - Microchip Technology MCP16502 Datasheet HTML 43Page - Microchip Technology MCP16502 Datasheet HTML 44Page - Microchip Technology MCP16502 Datasheet HTML 45Page - Microchip Technology MCP16502 Datasheet HTML 46Page - Microchip Technology MCP16502 Datasheet HTML 47Page - Microchip Technology MCP16502 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 86 page
background image
MCP16502
DS20006275D-page 44
 2019-2022 Microchip Technology Inc. and its subsidiaries
REGISTER 4-9:
STS-B4: BUCK4 STATUS (0x08)
R/RoR-0
R/RoR-0
R/RoR-0
R/RoR-0
r-0
R-0
R-0
R-0
FLT
HICCUP
ILIMNEG
ZCD
—
SSD
POK
ENS
bit 7
bit 0
Legend:
r = Reserved bit
RoR = Reset-on-Read bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
FLT: Fault flag bit (latched)
FLT is set to ‘1’ if HICCUP = 1 or if (ENS = 1 and SSD = 1 and POK = 0).
bit 6
HICCUP: Hiccup Flag bit (latched)
If the HS OC event counter reaches EOC and POK is low, the HICCUP flag is latched. The behavior
of the system is determined by the HCPEN bit.
bit 5
ILIMNEG: Negative Current Limit Flag bit (latched)
If the negative current limit threshold is reached, the ILIMNEG flag is latched.
bit 4
ZCD: Zero Current Crossing Detection Flag bit (latched)
This bit is set every time the ZCD is enabled (in Auto-PFM mode) and the ZCD comparator trips.
bit 3
Reserved: Maintain as ‘0’
bit 2
SSD: Soft Start Done Status bit (not latched)
SSD = 1 means the regulator is enabled and has completed the soft start ramp.
bit 1
POK: Power OK Status bit (not latched)
POK reflects the instantaneous value of the POK comparator output.
bit 0
ENS: Enable Status bit (not latched)
ENS = 1 means the regulator is currently enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com