Electronic Components Datasheet Search
  English  ▼

X  

MCP16502 Datasheet(PDF) 73 Page - Microchip Technology

Part # MCP16502
Description  High-Performance PMIC for SAMA5DX/SAM9X6/SAM9X7/SAMA7G Series MPUs
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16502 Datasheet(HTML) 73 Page - Microchip Technology

Back Button MCP16502 Datasheet HTML 69Page - Microchip Technology MCP16502 Datasheet HTML 70Page - Microchip Technology MCP16502 Datasheet HTML 71Page - Microchip Technology MCP16502 Datasheet HTML 72Page - Microchip Technology MCP16502 Datasheet HTML 73Page - Microchip Technology MCP16502 Datasheet HTML 74Page - Microchip Technology MCP16502 Datasheet HTML 75Page - Microchip Technology MCP16502 Datasheet HTML 76Page - Microchip Technology MCP16502 Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 86 page
background image
 2019-2022 Microchip Technology Inc. and its subsidiaries
DS20006275D-page 73
MCP16502
5.2
Dynamic Voltage Scaling (DVS)
Operation (for SAMA7G5 Only)
Dynamic Voltage Scaling (DVS) is used by the
SAMA7G5 MPU to momentarily increase both the
VDDCPU voltage and clock frequency in order to
execute heavy computational tasks much faster.
DVS can be implemented in two different ways:
• Write in the relevant HPM registers (typically
OUT4-HPM, 0x43) the new voltage code, and
then (after unmasking the HPM pin) execute the
voltage change by raising the HPM pin; or
• Write the new voltage code in the relevant register
for the current power state.
Indeed, from the MCP16502 perspective, Dynamic
Voltage Scaling is not a special mode of operation.
When the state machine moves from one state to
another, and the content of the regulator voltage in the
new state is different from the previous one (assuming
the regulator is turned on in both the initial and final
state), the output voltage of the regulator will be auto-
matically updated in 25 mV (or 50 mV for Buck1 and
LDOs) increments/decrements to reach the value
which is defined for the final state.
This also happens if the regulator voltage is updated
through I2C without any power mode state change. The
step rate is programmable and it is derived from the
switching frequency clock. The values are described in
Section 4.5.6 “Dynamic Voltage Scaling Rate
Programming Bits (tramp)”.
FIGURE 5-1:
Diagram and Parameters.
Internal filtering time constants for the reference DAC
steps and the finite response time of the control loop
help in smoothing out the resulting ramp shape visible
at the output of the regulator(s).
During DVS transitions:
• The Buck converters will operate in FPWM to
allow a predictable transition time in both the
rising and falling DVS transitions.
• LDO: When the transition happens in the negative
direction (i.e., decreasing voltage), the active
discharge load will be activated during the
transition in order to speed up the transition time.
This is to facilitate the support of dual voltage
SD cards.
The POK will not be deasserted during rising DVS
transitions because of change in the reference (DAC)
voltage. During DVS transition, changes in POK logic
value are inhibited until the transition has completed.
5.3
HPM Pin/HPMPEN Bit
The HPM pin is meant to be driven by a GPIO of the host
for the purpose of entering a Software-Defined
High-Performance mode. Its usage is optional and it
should be connected to ground if it is not used.
SAMA7G5 MPUs could use the HPM pin to switch
Buck4 (VDDCPU rail) to higher voltage, such that
higher clock frequencies can be supported (DVS oper-
ation, see Section 5.2 “Dynamic Voltage Scaling
(DVS) Operation (for SAMA7G5 Only)”). The
required overdrive voltage level in HPM mode needs to
be defined by I2C prior to entering DVS operation. If no
action is taken, the HPM voltage value will default to the
Active mode default value.
The HPM pin needs to be enabled (unmasked) through
I2C by setting the HPMPEN bit in the SYS-CFG
register. If the HPMPEN bit is not set, the internal logic
will be insensitive to the HPM pin level, which will
always appear internally as a logic ‘0’.
The HPMPEN bit is not automatically cleared due to a
start-up or to a restart sequence after a Fault. Also, the
DVS voltage level definition stored in the HPM registers
is not reset to the Active mode level. Therefore, if for
any reason the HPM pin remains high (or returns to
high logic level) during the start-up/restart sequence
while the HPMPEN bit has been previously set, the
MCP16502 will move to the High-Performance mode
immediately after the start-up/restart sequence has
successfully terminated. Thus, if the DVS voltage level
defined in HPM mode is different than the voltage level
defined in Active mode, the channel under consider-
ation will immediately move to the HPM mode voltage
level as soon as nRSTO is deasserted.
If the behavior described above is not desirable, the
following countermeasures can be considered:
• Connect the HPM pin to a GPIO which is low by
default at start-up.
• Clear by software the relevant GPIO at the
beginning of the software execution/configuration
routine and/or clear the HPMPEN bit by an I2C
command.
Also note that the channel (typically Buck1, VDDIO)
powering the host voltage domain, to which the GPIO
driving the HPM pin belongs, should always be defined
as ON state in HPM mode.
VOUT_FIN
25 mV
t
TRANS
VOUT
time
VOUT_INIT
tramp
AVERAGE
RAMP RATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com