Electronic Components Datasheet Search
  English  ▼

X  

MCP16502 Datasheet(PDF) 77 Page - Microchip Technology

Part # MCP16502
Description  High-Performance PMIC for SAMA5DX/SAM9X6/SAM9X7/SAMA7G Series MPUs
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16502 Datasheet(HTML) 77 Page - Microchip Technology

Back Button MCP16502 Datasheet HTML 73Page - Microchip Technology MCP16502 Datasheet HTML 74Page - Microchip Technology MCP16502 Datasheet HTML 75Page - Microchip Technology MCP16502 Datasheet HTML 76Page - Microchip Technology MCP16502 Datasheet HTML 77Page - Microchip Technology MCP16502 Datasheet HTML 78Page - Microchip Technology MCP16502 Datasheet HTML 79Page - Microchip Technology MCP16502 Datasheet HTML 80Page - Microchip Technology MCP16502 Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 86 page
background image
 2019-2022 Microchip Technology Inc. and its subsidiaries
DS20006275D-page 77
MCP16502
5.5.2
PWM MODE NEGATIVE CURRENT
LIMIT PROTECTION (BUCK
CHANNELS)
The Buck channels of the MCP16502 also feature a
negative inductor current limit protection when operat-
ing in Forced PWM mode. This prevents dangerous
current levels in the power train. If the inductor current
reaches the low-side Negative Peak Current Limit
(ILIM_NEGx) while the low-side MOSFET is conducting,
the low-side MOSFET is turned off and the inductor
current is pushed to the input voltage, either through
the body diode of the high-side MOSFET (if turned off)
or its channel (when turned on by the control loop).
Since this feature is only intended to protect the device
in some particular transient conditions (such as a large
decrease of the ouput voltage setting associated with
an extremely large capacitive load), it is only reported
through I2C, but it does not cause the assertion of the
nRSTO (Reset) signal.
This protection should never be exercised continuously
and/or without a large input bulk capacitor because it
may quickly destroy the device.
When this protection is engaged, energy is pumped
back from the output into the input voltage. If the input
supply has no sinking capability and/or the input bulk
decoupling cap is not large enough, the input voltage
will rise to the point where the device is permanently
damaged.
5.5.3
LDO CURRENT LIMIT PROTECTION
LDOs are protected against short circuit by a linear
constant-voltage/constant-current (i.e., brick wall) output
characteristic. The output current under short-circuit
conditions is not intermittent. Therefore, the internal
power dissipation in the MCP16502 can reach high
levels under LDO short-circuit conditions. The current
limit condition of each LDO is also reported through I2C.
The intervention of the LDO current limit protection does
not cause the assertion of the nRSTO (Reset) signal.
5.6
Maximum Simultaneous
Capacitive and DC Loading in
Soft Start and DVS
The Current-mode architecture of the Buck channels in
the MCP16502 make them tolerant to additional
capacitive loads from the stability point of view.
However, since the Hiccup mode overcurrent protection
is also enabled during soft start and DVS ramping, the
user needs to be aware that additional load capacitance,
distributed on the application board, may cause the
intervention of the Hiccup mode protections under
dynamic conditions (rising output voltage).
This is especially important for Buck1 since the I/O rail
(typically 3.3V) can be used for a wide variety of loads and
its total distributed capacitive load could significantly
exceed the minimum recommended nominal capacitance
value (i.e., 22 µF).
Using the symbols listed in the “AC/DC Characteristics”
table, Equation 5-1 establishes the maximum allowable
capacitive load, Cadd_max, to prevent the cycle-by-cycle
current limit from being engaged.
Complying with this condition will ensure that Hiccup
mode overcurrent protection will not be activated
during the soft start ramp or DVS transitions in the
positive direction.
Failing to comply with the condition formulated below
does not necessarily mean that Hiccup mode
protection will be engaged. The digital filtering provided
in the Hiccup mode overcurrent algorithm, as described
in Section 5.5.1 “Overcurrent Protection (Buck
Channels)”, provides immunity to single, and even
multiple cycle-by-cycle current limit events and allows
operation in proximity of the high-side current limit for a
significant amount of time during the soft start or DVS
ramping.
EQUATION 5-1:
As a consequence, the maximum value of additional
capacitance, Cadd_max, that can be observed by
experiments is significantly higher than the limit
calculated with the aforementioned formula.
Cadd_max
ILIM_HS
r
-------------------- I
OUT
–


SSRXX
Vstep fsw
------------------------ C
OUT
–
=
Where:
ILIM_HS = High-Side MOSFET Current Limit
r = Ratio of the peak inductor current,
ILpk, to average inductor current at
the point where ILpk =ILIM_HS. For
simplicity, assume r = 1 since the
peak-to-peak inductor current ripple
will be small in comparison to the
average inductor current value when
the high-side current limit is engaged.
IOUT = Output Current of the Buck Converter
Vstep = Output Voltage Step in SS (or DVS)
SSRXX = Soft Start Rate (or DVS Rate),
XX = 00, 01, 10, 11
fsw = Switching Frequency
COUT = Output capacitance already present
on the Buck converter output
(typically, COUT =22 µF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com