Electronic Components Datasheet Search
  English  ▼

X  

MCP16502 Datasheet(PDF) 47 Page - Microchip Technology

Part # MCP16502
Description  High-Performance PMIC for SAMA5DX/SAM9X6/SAM9X7/SAMA7G Series MPUs
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16502 Datasheet(HTML) 47 Page - Microchip Technology

Back Button MCP16502 Datasheet HTML 43Page - Microchip Technology MCP16502 Datasheet HTML 44Page - Microchip Technology MCP16502 Datasheet HTML 45Page - Microchip Technology MCP16502 Datasheet HTML 46Page - Microchip Technology MCP16502 Datasheet HTML 47Page - Microchip Technology MCP16502 Datasheet HTML 48Page - Microchip Technology MCP16502 Datasheet HTML 49Page - Microchip Technology MCP16502 Datasheet HTML 50Page - Microchip Technology MCP16502 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 86 page
background image
 2019-2022 Microchip Technology Inc. and its subsidiaries
DS20006275D-page 47
MCP16502
REGISTER 4-14:
OUT1-HIB: BUCK1 HIBERNATE MODE (0x12)
R/W-0
R/W-0
R/W-1(1)
R/W-1(1)
R/W-0(1)
R/W-1(1)
R/W-1(1)
R/W-1(1)
EN
MODE
VSET[5:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
EN: Enable in Hibernate Mode Status bit
If EN = 1, then it is regulator-enabled.
bit 6
MODE: Mode in Hibernate Mode Status bit
If MODE = 1, then the Buck will run in FPWM, else if MODE = 0, then the Buck will run in Auto-PFM.
bit 5-0
VSET[5:0]: Output Voltage Selection bits
Output voltage selection bits for Hibernate mode status (Default = 3.3V).
Note 1: Default = 3.3V, see the VSET[5:0] table.
REGISTER 4-15:
OUT1-HPM: BUCK1 HIGH-PERFORMANCE MODE (0x13)
R/W-1
R/W-1
R/W-1(1)
R/W-1(1)
R/W-0(1)
R/W-1(1)
R/W-1(1)
R/W-1(1)
EN
MODE
VSET[5:0]
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
EN: Enable in High-Performance Mode Status bit
If EN = 1, then it is regulator-enabled.
bit 6
MODE: Mode in High-Performance Mode Status bit
If MODE = 1, then the Buck will run in FPWM, else if MODE = 0, then the Buck will run in Auto-PFM.
bit 5-0
VSET[5:0]: Output Voltage Selection bits
Output voltage selection bits for High-Performance mode status (Default = 3.3V).
Note 1: Default = 3.3V, see the VSET[5:0] table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com