Electronic Components Datasheet Search
  English  ▼

X  

MCP16502 Datasheet(PDF) 74 Page - Microchip Technology

Part # MCP16502
Description  High-Performance PMIC for SAMA5DX/SAM9X6/SAM9X7/SAMA7G Series MPUs
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16502 Datasheet(HTML) 74 Page - Microchip Technology

Back Button MCP16502 Datasheet HTML 70Page - Microchip Technology MCP16502 Datasheet HTML 71Page - Microchip Technology MCP16502 Datasheet HTML 72Page - Microchip Technology MCP16502 Datasheet HTML 73Page - Microchip Technology MCP16502 Datasheet HTML 74Page - Microchip Technology MCP16502 Datasheet HTML 75Page - Microchip Technology MCP16502 Datasheet HTML 76Page - Microchip Technology MCP16502 Datasheet HTML 77Page - Microchip Technology MCP16502 Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 86 page
background image
MCP16502
DS20006275D-page 74
 2019-2022 Microchip Technology Inc. and its subsidiaries
Failing to do so would set the HPM pin low again shortly
after it has been set high, thereby generating a cyclic
behavior where the relevant channel turns on and off
indefinitely.
If the LPM pin goes high (with PWRHLD = High) while
HPM is low, the MCP16502 will move to a Low-Power
state. If HPM goes high after that, the MCP16502 will
ignore it and it will stay in the Low-Power state (as long
as LPM = High).
On the other hand, if HPM goes high first (thus
PWRHLD = HPM = 1, LPM = 0), the device remains in
the HPM state even if LPM is asserted high. To go to
the Low-Power state, HPM must be deasserted first.
5.4
Buck1 Hysteretic Control Mode
(HCM)/B1HCEN Bit
If Buck1 is set in Auto-PFM mode while the input
voltage (e.g., a discharging battery) is decreasing and
eventually pushing Buck1 to 100% duty cycle (Bypass
mode), the operational no-load quiescent current of the
MCP16502 shows some increase due to the
augmented switching activity of Buck1.
This is intrinsic to the Auto-PFM architecture. The
peaking in the quiescent current is in the 1 mA range,
and it may or may not be detrimental to the overall
system efficiency and/or battery life, depending mostly
on the minimum loading of Buck1.
If the increase in quiescent current when approaching
Bypass mode on Buck1 is an important factor for the
application, the user can optionally activate a different
mode of light load, high-efficiency operation (called
Hysteretic Control mode, HCM), where the output volt-
age is controlled in a hysteretic fashion between the
nominal output voltage and 2.9% of it. This is done by
setting the B1HCEN bit (Buck1 Hysteretic Control
Enable) in the SYS-CFG register through I2C. This
control method significantly reduces the average
switching activity of Buck1, especially in the proximity
of the bypass operation, at the expense of an increase
of the output ripple amplitude.
The user should therefore carefully evaluate the need
for activation of HCM for Buck1 and balance the
increase in output ripple against the real benefit
achieved in prolonging battery life. If the minimum
loading on Buck1 is always significantly higher than
1 mA, activation of HCM is typically not needed.
The relevant “Electrical Characteristics” parameter
that defines the upper voltage regulation threshold (typ-
ically +2.9% of the nominal output voltage) is the
Hysteretic Control Mode Upper Regulation Threshold.
Even if bit B1HCEN is set, HCM mode will only be acti-
vated when the input-to-output voltage differential
decreases below a certain value. This is done to pre-
vent fast inductor charging, which in turn may cause a
poorer control of the effective upper regulation voltage.
The relevant “Electrical Characteristics” parame-
ter that defines the input voltage threshold (falling input
voltage), below which HCM is enabled, is the Hyster-
etic Control Mode Enable Threshold and it is also
expressed as a percentage of the nominal output volt-
age value (typically, +9%).
5.5
Protections
The MCP16502 offers the following:
• Thermal Shutdown
• Thermal Warning
• Overcurrent Protection
Thermal Shutdown protection will immediately termi-
nate power delivery on all channels when the die
temperature exceeds the upper Thermal Shutdown
threshold. At the same time, nRSTO will be asserted
low. If the corresponding masking bit is cleared, nINTO
will also be asserted low.
After the die temperature has decreased below the
lower Thermal Shutdown threshold (hysteresis = 20°C)
and an additional 100 ms delay, the MCP16502 will
automatically attempt a new start-up sequence without
the need of an external Start condition (from nSTRT or
PWRLHD).
Thermal Warning does not invoke any automatic
action. If the die temperature exceeds the Thermal
Warning upper threshold, and if the corresponding
masking bit is cleared, it will only generate assertion
(LOW) of the nINTO output. The host MPU can then
interrogate the MCP16502 for diagnostic purposes.
5.5.1
OVERCURRENT PROTECTION
(BUCK CHANNELS)
The overcurrent protection consists of a cycle-by-cycle,
high-side current limit with digital filtering, followed by
the Hiccup mode for protection against short-circuit
conditions.
The cycle-by-cycle, high-side current limit includes
frequency foldback. Because of Leading-Edge Blank-
ing (LEB) in Peak Current mode control, frequency
foldback (with a factor = 4) is used to allow more time
for inductor discharge and prevent current runaway in
a deep overload condition.
Frequency foldback operation is entered when:
1.
A high-side current limit event has been
detected; and
2.
The feedback voltage is less than 500 mV
(typical).
Cycle-by-cycle overcurrent protection with frequency
foldback is always active and it is the first current limit
protection mechanism.
The second current limit mechanism is Hiccup mode
protection, which is also always enabled, including
during the soft start ramp and DVS transitions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com