Electronic Components Datasheet Search
  English  ▼

X  

MCP16502 Datasheet(PDF) 78 Page - Microchip Technology

Part # MCP16502
Description  High-Performance PMIC for SAMA5DX/SAM9X6/SAM9X7/SAMA7G Series MPUs
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16502 Datasheet(HTML) 78 Page - Microchip Technology

Back Button MCP16502 Datasheet HTML 74Page - Microchip Technology MCP16502 Datasheet HTML 75Page - Microchip Technology MCP16502 Datasheet HTML 76Page - Microchip Technology MCP16502 Datasheet HTML 77Page - Microchip Technology MCP16502 Datasheet HTML 78Page - Microchip Technology MCP16502 Datasheet HTML 79Page - Microchip Technology MCP16502 Datasheet HTML 80Page - Microchip Technology MCP16502 Datasheet HTML 81Page - Microchip Technology MCP16502 Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 86 page
background image
MCP16502
DS20006275D-page 78
 2019-2022 Microchip Technology Inc. and its subsidiaries
5.7
nSTRT Capacitor for Automatic
Turn-On on VIN Ramping
As shown in Figure 4-1, it is possible to configure the
MCP16502 for automatic start-up upon input voltage
(VIN) ramping/power cycling by connecting a capacitor
on nSTRT pin. The purpose of the capacitor (C in
Figure 4-1) is to delay the rise of the nSTRT pin when
VIN ramps up, such that after the SVIN pin voltage
(connected to VIN) has stabilized, the logic level of the
nSTRT pin will still be low for a long time which is
enough to be interpreted as a valid start-up event (i.e.,
longer than t1; see Section 4.4.1 “Typical Power-up
Sequence and Timing”).
Under the assumption that the VIN ramping is much
shorter than the rise time of the nSTRT pin voltage, the
recommended amount of capacitance needed for
generation of a valid start-up event is given by the
formula in Equation 5-2.
After the selection of capacitor C, the resulting C
RPU_nSTRT time constant must be compared to the
actual VIN ramping time to verify that indeed the nSTRT
rise time is much slower.
The time constant C RPU_nSTRT should be at least one
order of magnitude larger than the slowest VIN ramping
time expected in the application. If this is not true, the
capacitor value C must be increased further. Using a
1 µF capacitor for C, the C RPU_nSTRT time constant
will be 40 ms, which is adequate for VIN ramping times
in the ms range.
EQUATION 5-2:
C
t1 t
+
RPU_nSTRT
e
VIN
VIN VIL_nSRT
–
------------------------------------


log
--------------------------------------------------------------------------------------
t1 t
+
RPU_nSTRT
e
1
10.36
–
-------------------


log
--------------------------------------------------------------------
2.24
t1 t
+
RPU_nSTRT
---------------------------
==
Where:
RPU_nSTRT = nSTRT Pin Pull-up Resistance (40 kΩ typical value)
VIL_nSTRT = nSTRT Logic Low Input Voltage (0.36 SVIN, maximum value)
VIN = Input Voltage (SVIN is connected to the voltage VIN)
t1 = Delay from nSTRT Falling to First Output VOUT1 Starting (≈ 0.5 ms); see Section 4.4.1
“Typical Power-up Sequence and Timing”
Δt = Additional Delay from SVIN Voltage established to the Detection of a Logic Low Level on
nSTRT (due to internal logic wake-up time): ≈ 100 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com