Electronic Components Datasheet Search
  English  ▼

X  

MCP16502 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP16502
Description  High-Performance PMIC for SAMA5DX/SAM9X6/SAM9X7/SAMA7G Series MPUs
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16502 Datasheet(HTML) 1 Page - Microchip Technology

  MCP16502 Datasheet HTML 1Page - Microchip Technology MCP16502 Datasheet HTML 2Page - Microchip Technology MCP16502 Datasheet HTML 3Page - Microchip Technology MCP16502 Datasheet HTML 4Page - Microchip Technology MCP16502 Datasheet HTML 5Page - Microchip Technology MCP16502 Datasheet HTML 6Page - Microchip Technology MCP16502 Datasheet HTML 7Page - Microchip Technology MCP16502 Datasheet HTML 8Page - Microchip Technology MCP16502 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 86 page
background image
MCP16502
 2019-2022 Microchip Technology Inc. and its subsidiaries
DS20006275D-page 1
Features
• Input Voltage: 2.7V to 5.5V
• Four 1A Output Current Buck Channels with
100% Maximum Duty Cycle Capability
• 2 MHz Buck Channels PWM Operation
• Two Auxiliary 300 mA Low Dropout Linear
Regulators (LDOs)
• ±1% Voltage Accuracy for DDR (Buck2 Output),
Core (Buck3 Output) and CPU (Buck4 Output)
• Pin-Selectable Output Voltages for Buck2:
1.2V, 1.35V, 1.8V
• MPU-Specific Built-in Default Channel
Sequencing and nRSTO Assertion Delay
• Support of MPU Hibernate, Low-Power and
High-Performance Modes with DVS
• Push Button Long Press Time-Out Function
• 1 MHz I2C Interface for Programming and
Diagnostics
• Low Noise, Forced PWM (FPWM) and Low IQ,
Light Load, High-Efficiency Mode Available
•I2C-Selectable Displacement (±16.5%) of PWM
Switching Frequency
• Leakage-Free Interfacing to MPU in Any
Operating Condition through Optimized
ESD Protection
• Less than 300 µA Low-Power Mode Typical
Quiescent Current Bucks and LDO1 ON, No Load
• 10 µA Maximum Shutdown Current (VIN =4.5V,
TJ = +105°C)
• Cost and Size-Optimized BOM
• Thermal Shutdown and Current Limit Protection
• User-Programmable Overcurrent Fault Response
• 32-Pin 5 mm × 5 mm VQFN Package
• -40°C to +125°C Junction Temperature Range
• Passes Automotive AEC-Q100 Reliability Testing
Applications
• High-Performance MPUs Power Supply Solutions
• µC/µP, FPGA and DSP Power
Description
The MCP16502 is an optimally integrated PMIC,
compatible with Microchip’s EMPUs (Embedded
Microprocessor Units), requiring Dynamic Voltage
Scaling (DVS) such as SAMA7G5. It is compatible with
SAMA5DX, SAM9X6, and SAM9X7 MPUs, which are
supported by dedicated device variants that optimize
the solution BOM.
The MCP16502 integrates four DC-DC Buck regulators
and two auxiliary LDOs, and provides a comprehensive
interface to the MPU, which includes an interrupt flag
and a 1 MHz I2C interface.
All Buck channels can support loads up to 1A and are
100% duty cycle-capable.
Two 300 mA LDOs are provided such that sensitive
analog loads can be supported.
The DDR memory voltage (Buck2 output) is selectable
by means of a three-state input pin. This method allows
greater precision in the output voltage setting by elimi-
nating inaccuracies due to external feedback resistors
while minimizing external component count. The
voltage selection set allows easy migration across
different generations of memory.
The default power channel sequencing is built-in
according to the requirements of the MPU. A dedicated
pin (LPM) facilitates the transition to Low-Power modes
and the implementation of Backup mode with DDR in
self-refresh (Hibernate mode).
The MCP16502 features a low no-load operational
quiescent current and it draws less than 10 µA in full
shutdown.
Active discharge resistors are provided on each output.
All Buck channels support safe start-up into pre-biased
outputs.
The MCP16502 is available in a 32-pin 5 mm x 5 mm
VQFN package with an operating junction temperature
range from -40°C to +125°C. The MCP16502 also
passes automotive AEC-Q100 reliability testing.
High-Performance PMIC for
SAMA5DX/SAM9X6/SAM9X7/SAMA7G Series MPUs


Similar Part No. - MCP16502

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP16502 MICROCHIP-MCP16502 Datasheet
354Kb / 20P
Evaluation Board
02/17/04
More results

Similar Description - MCP16502

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AXP221 ETC2-AXP221 Datasheet
2Mb / 52P
PMIC Optimized For Multi-Core High-Performance System
AXP223 ETC2-AXP223 Datasheet
2Mb / 56P
PMIC Optimized For Multi-Core High-Performance System
logo
Active-Semi, Inc
ACT8865 ACTIVE-SEMI-ACT8865_16 Datasheet
824Kb / 31P
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 7, 22-Mar-16
ACT8945A ACTIVE-SEMI-ACT8945A_16 Datasheet
1Mb / 44P
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 6, 01-Feb-16
EA8945AQJ305 ACTIVE-SEMI-EA8945AQJ305 Datasheet
1Mb / 44P
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 6, 01-Feb-16
EA8945AQJ405 ACTIVE-SEMI-EA8945AQJ405 Datasheet
1Mb / 44P
Advanced PMU for Atmel SAMA5Dx Series & SAM9 Series Processors
Rev 6, 01-Feb-16
logo
Shenzhen X-Powers Techn...
AXP288 XPOWER-AXP288_14 Datasheet
4Mb / 110P
PMIC Optimized For Multi-Core High-Performance System
logo
NXP Semiconductors
PF5023 NXP-PF5023 Datasheet
860Kb / 91P
Power management integrated circuit (PMIC) for high performance applications
Rev. 1-15 April 2020
PF5024 NXP-PF5024 Datasheet
871Kb / 93P
Power management integrated circuit (PMIC) for high performance applications
Rev. 1-15 April 2020
logo
Microchip Technology
MCP16501 MICROCHIP-MCP16501_V01 Datasheet
1Mb / 44P
Cost and Size Optimized PMIC for SAMA5DX/SAM9X6/SAMA7G Series MPUs
Revision A July 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com