Electronic Components Datasheet Search
  English  ▼

X  

R2023K Datasheet(PDF) 10 Page - RICOH electronics devices division

Part # R2023K
Description  2-wire Serial Interface Real Time Clock IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2023K Datasheet(HTML) 10 Page - RICOH electronics devices division

Back Button R2023K Datasheet HTML 6Page - RICOH electronics devices division R2023K Datasheet HTML 7Page - RICOH electronics devices division R2023K Datasheet HTML 8Page - RICOH electronics devices division R2023K Datasheet HTML 9Page - RICOH electronics devices division R2023K Datasheet HTML 10Page - RICOH electronics devices division R2023K Datasheet HTML 11Page - RICOH electronics devices division R2023K Datasheet HTML 12Page - RICOH electronics devices division R2023K Datasheet HTML 13Page - RICOH electronics devices division R2023K Datasheet HTML 14Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
R2023K/T
10
• Periodic Interrupt Function
The R2023K/T incorporates the periodic interrupt circuit configured to generate periodic interrupt signals aside
from interrupt signals generated by the alarm interrupt circuit for output from the INTRA pin. Periodic interrupt
signals have five selectable frequency settings of 2 Hz (once per 0.5 seconds), 1 Hz (once per 1 second), 1/60 Hz
(once per 1 minute), 1/3600 Hz (once per 1 hour), and monthly (the first day of every month).
Further, periodic
interrupt signals also have two selectable waveforms, a normal pulse form (with a frequency of 2 Hz or 1 Hz) and
special form adapted to interruption from the CPU in the level mode (with second, minute, hour, and month
interrupts). The condition of periodic interrupt signals can be monitored with using a polling function.
• 32kHz Clock Output
The R2023K/T incorporates a 32-kHz clock circuit configured to generate clock pulses with the oscillation
frequency of a 32.768kHz crystal oscillator for output from the 32KOUT pin. The 32KOUT pin is CMOS push-pull
output and the output is enabled and disabled when the CLKC pin is held high, and low or open, respectively.
The 32-kHz clock output can be disabled by certain register settings but cannot be disabled without manipulation of
any two registers with different addresses to prevent disabling in such events as the runaway of the CPU.
The
32-kHz clock circuit is enabled at power-on, when the CLKC pin is held high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com