Electronic Components Datasheet Search
  English  ▼

X  

R2023K Datasheet(PDF) 26 Page - RICOH electronics devices division

Part # R2023K
Description  2-wire Serial Interface Real Time Clock IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2023K Datasheet(HTML) 26 Page - RICOH electronics devices division

Back Button R2023K Datasheet HTML 22Page - RICOH electronics devices division R2023K Datasheet HTML 23Page - RICOH electronics devices division R2023K Datasheet HTML 24Page - RICOH electronics devices division R2023K Datasheet HTML 25Page - RICOH electronics devices division R2023K Datasheet HTML 26Page - RICOH electronics devices division R2023K Datasheet HTML 27Page - RICOH electronics devices division R2023K Datasheet HTML 28Page - RICOH electronics devices division R2023K Datasheet HTML 29Page - RICOH electronics devices division R2023K Datasheet HTML 30Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 50 page
background image
R2023K/T
26
(5) Data transmission read format of the R2023K/T
The R2023K/T allows the following three read out method of data an internal register.
The first method to reading data from the internal register is to specify an internal address by setting the internal
address pointer and the transmission format register described P25 (4), generate the Repeated Start Condition
(See P24 (3)) to change the data transmission direction to perform reading.
The internal address pointer is set to
Fh when the Stop Condition is met. Therefore, this method of reading allows no insertion of Stop Condition before
the Repeated Start Condition.
Set 0h to the Transmission Format Register when this method used.
1
S
0
A
A
Data
/A P
Example 1 of Data Read (when data is read from 2h to 4h)
Master to slave
Slave to master
S
Start Condition
Sr
Repeated Start
Condition
A
A
/A
Acknowledge signal
Address
Pointer
←2h
Repeated Start Condition
0
1
0
0
0
1
1
0 0 0
0
0
0
1
Transmission
Format
Register
←0h
Sr
1
0
A
Slave Address
← (0110010)
1
0
0 0
0
1
A
Data
A
Data
Reading of data from
the internal address 3h
R/W=1(Read)
R/W=0(Write)
P
Stop Condition
Slave Address
← (0110010)
Reading of data from
the internal address 4h
Reading of data from
the internal address 2h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com