Electronic Components Datasheet Search
  English  ▼

X  

R2023K Datasheet(PDF) 18 Page - RICOH electronics devices division

Part # R2023K
Description  2-wire Serial Interface Real Time Clock IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2023K Datasheet(HTML) 18 Page - RICOH electronics devices division

Back Button R2023K Datasheet HTML 14Page - RICOH electronics devices division R2023K Datasheet HTML 15Page - RICOH electronics devices division R2023K Datasheet HTML 16Page - RICOH electronics devices division R2023K Datasheet HTML 17Page - RICOH electronics devices division R2023K Datasheet HTML 18Page - RICOH electronics devices division R2023K Datasheet HTML 19Page - RICOH electronics devices division R2023K Datasheet HTML 20Page - RICOH electronics devices division R2023K Datasheet HTML 21Page - RICOH electronics devices division R2023K Datasheet HTML 22Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
R2023K/T
18
• Oscillation Adjustment Register (Address 7h)
D7
D6
D5
D4
D3
D2
D1
D0
DEV
F6
F5
F4
F3
F2
F1
F0
(For Writing)
DEV
F6
F5
F4
F3
F2
F1
F0
(For Reading)
0
0
0
0
0
0
0
0
Default Settings *)
*)
Default settings:
Default value means read / written values when the PON bit is set to “1” due to VDD
power-on from 0 volts.
DEV bit
When DEV is set to 0, the Oscillation Adjustment Circuit operates 00, 20, 40 seconds.
When DEV is set to 1, the Oscillation Adjustment Circuit operates 00 seconds.
F6 to F0 bits
The Oscillation Adjustment Circuit is configured to change time counts of 1 second on the basis of the
settings of the Oscillation Adjustment Register at the timing set by DEV.
* The Oscillation Adjustment Circuit will not operate with the same timing (00, 20, or 40 seconds)
as the timing of writing to the Oscillation Adjustment Register.
* The F6 bit setting of 0 causes an increment of time counts by ((F5, F4, F3, F2, F1, F0) - 1) x 2.
The F6 bit setting of 1 causes a decrement of time counts by (( F5,F4,F3,F2,F1,F0 ) + 1) x 2.
The settings of "*, 0, 0, 0, 0, 0, *" ("*" representing either "0" or "1") in the F6, F5, F4, F3, F2, F1, and F0
bits cause neither an increment nor decrement of time counts.
Example:
If (DEV, F6, F5, F4, F3, F2, F1, F0) is set to (0, 0, 0, 0, 0, 1, 1, 1), when the second digits read 00, 20, or 40, an
increment of the current time counts of 32768 + (7 - 1) x 2 to 32780 (a current time count loss).
If (DEV, F6, F5, F4, F3, F2, F1, F0) is set to (0, 0, 0, 0, 0, 0, 0, 1), when the second digits read 00, 20, 40, neither
an increment nor a decrement of the current time counts of 32768.
If (DEV, F6, F5, F4, F3, F2, F1, F0) is set to (1, 1, 1, 1, 1, 1, 1, 0), when the second digits read 00, a decrement of
the current time counts of 32768 + (- 2) x 2 to 32764 (a current time count gain).
An increase of two clock pulses once per 20 seconds causes a time count loss of approximately 3 ppm (2 / (32768
x 20 = 3.051 ppm).
Conversely, a decrease of two clock pulses once per 20 seconds causes a time count gain of
3 ppm.
Consequently, when DEV is set to “0”, deviations in time counts can be corrected with a precision of
±1.5
ppm.
In the same way, when DEV is set to “1”, deviations in time counts can be corrected with a precision of
±0.5
ppm.
Note that the oscillation adjustment circuit is configured to correct deviations in time counts and not the
oscillation frequency of the 32.768-kHz clock pulses.
For further details, see "P33
Configuration of Oscillation
Circuit and Correction of Time Count Deviations
• Oscillation Adjustment Circuit".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com