Electronic Components Datasheet Search
  English  ▼

X  

R2023K Datasheet(PDF) 27 Page - RICOH electronics devices division

Part # R2023K
Description  2-wire Serial Interface Real Time Clock IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2023K Datasheet(HTML) 27 Page - RICOH electronics devices division

Back Button R2023K Datasheet HTML 23Page - RICOH electronics devices division R2023K Datasheet HTML 24Page - RICOH electronics devices division R2023K Datasheet HTML 25Page - RICOH electronics devices division R2023K Datasheet HTML 26Page - RICOH electronics devices division R2023K Datasheet HTML 27Page - RICOH electronics devices division R2023K Datasheet HTML 28Page - RICOH electronics devices division R2023K Datasheet HTML 29Page - RICOH electronics devices division R2023K Datasheet HTML 30Page - RICOH electronics devices division R2023K Datasheet HTML 31Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
R2023K/T
27
The second method to reading data from the internal register is to start reading immediately after writing to the
Internal Address Pointer and the Transmission Format Register. Although this method is not based on I
2C-Bus
standard in a strict sense it still effective to shorten read time to ease load to the master. Set 4h to the transmission
format register when this method used.
1
S
A
A
Data
/A P
Example 2 of data read (when data is read from internal addresses Eh to 1h)
Master to slave
Slave to Master
S
Start Condition
A
A
/A
Acknowledge Signal
Address
Pointer
←Eh
0 1
1
0 0
0
1
Transmission
Format
Register
←4h
1
0
A
Slave Address
← (0110010)
1
0
0 0
0
1
A
Data
A
Data
Reading of data from
the internal address Eh
R/W=0(Write)
P
Stop Condition
Data
Reading of data from
the internal address Fh
Reading of data from
the internal address 0h
Reading of data from
the internal address 1h
The third method to reading data from the internal register is to start reading immediately after writing to the Slave
Address and R/W bit.
Since the Internal Address Pointer is set to Fh by default as described in the first method,
this method is only effective when reading is started from the Internal Address Fh.
S
A
A
Data
/A P
Example 3 of data read (when data is read from internal addresses Fh to 3h)
Master to slave
Slave to master
S
Start Condition
A
A
/A
Acknowledge Signal
1
0
A
Slave Address
← (0110010)
1
0
0 1
0
1
A
Data
A
Data
R/W=1(Read)
P
Stop Condition
Data
Data
Reading of data from
the Internal Address Fh
Reading of data from
the Internal Address 0h
Reading of data from
the Internal Address 1h
Reading of data from
the Internal Address 2h
Reading of data from
the Internal Address 3h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com