Electronic Components Datasheet Search
  English  ▼

X  

R2023K Datasheet(PDF) 15 Page - RICOH electronics devices division

Part # R2023K
Description  2-wire Serial Interface Real Time Clock IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2023K Datasheet(HTML) 15 Page - RICOH electronics devices division

Back Button R2023K Datasheet HTML 11Page - RICOH electronics devices division R2023K Datasheet HTML 12Page - RICOH electronics devices division R2023K Datasheet HTML 13Page - RICOH electronics devices division R2023K Datasheet HTML 14Page - RICOH electronics devices division R2023K Datasheet HTML 15Page - RICOH electronics devices division R2023K Datasheet HTML 16Page - RICOH electronics devices division R2023K Datasheet HTML 17Page - RICOH electronics devices division R2023K Datasheet HTML 18Page - RICOH electronics devices division R2023K Datasheet HTML 19Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
R2023K/T
15
(5) CLEN1
32kHz Clock Output Bit 1
CLEN1
Description
0
Enabling the 32-kHz clock circuit
(Default)
1
Disabling the 32-kHz clock circuit
Setting the CLEN1 bit or the CLEN2 bit (D4 in the control register 1) to 0, and the CLKC pin to high
specifies generating clock pulses with the oscillation frequency of the 32.768-kHz crystal oscillator for output
from the 32KOUT pin. Conversely, setting both the CLEN1 and CLEN2 bit to 1 or CLKC pin to low
specifies disabling (”L”) such output.
(6) CTFG
Periodic Interrupt Flag Bit
CTFG
Description
0
Periodic interrupt output = “H”
(Default)
1
Periodic interrupt output = “L”
The CTFG bit is set to 1 when the periodic interrupt signals are output from the INTRA pin (“L”).
The
CTFG bit accepts only the writing of 0 in the level mode, which disables (“H”) the INTRA pin until it is
enabled (“L”) again in the next interrupt cycle. Conversely, setting the CTFG bit to 1 causes no event.
(7) WAFG,DAFG
Alarm_W Flag Bit and Alarm_D Flag Bit
WAFG,DAFG
Description
0
Indicating a mismatch between current time and preset alarm time
(Default)
1
Indicating a match between current time and preset alarm time
The WAFG and DAFG bits are valid only when the WALE and DALE have the setting of 1, which is caused
approximately 61
µs after any match between current time and preset alarm time specified by the Alarm_W
registers and the Alarm_D registers.
The WAFG (DAFG) bit accepts only the writing of 0.
INTRA ( INTRB ) pin outputs off (“H”) when this bit is set to 0.
And INTRA ( INTRB )
pin outputs “L”
again at the next preset alarm time.
Conversely, setting the WAFG and DAFG bits to 1 causes no event.
The WAFG and DAFG bits will have the reading of 0 when the alarm interrupt circuit is disabled with the
WALE and DALE bits set to 0.
The settings of the WAFG and DAFG bits are synchronized with the output of
the INTRA ( INTRB ) pin as shown in the timing chart below.
INTRB (INTRA) Pin
Writing of 0 to
WAFG(DAFG) bit
WAFG(DAFG) Bit
(Match between
current time and
preset alarm time)
Approx. 61
µs
Approx. 61
µs
Writing of 0 to
WAFG(DAFG) bit
(Match between
current time and
preset alarm time)
(Match between
current time and
preset alarm time)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com