Electronic Components Datasheet Search
  English  ▼

X  

R2023K Datasheet(PDF) 31 Page - RICOH electronics devices division

Part # R2023K
Description  2-wire Serial Interface Real Time Clock IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2023K Datasheet(HTML) 31 Page - RICOH electronics devices division

Back Button R2023K Datasheet HTML 27Page - RICOH electronics devices division R2023K Datasheet HTML 28Page - RICOH electronics devices division R2023K Datasheet HTML 29Page - RICOH electronics devices division R2023K Datasheet HTML 30Page - RICOH electronics devices division R2023K Datasheet HTML 31Page - RICOH electronics devices division R2023K Datasheet HTML 32Page - RICOH electronics devices division R2023K Datasheet HTML 33Page - RICOH electronics devices division R2023K Datasheet HTML 34Page - RICOH electronics devices division R2023K Datasheet HTML 35Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 50 page
background image
R2023K/T
31
Course (A)
When the time count precision of each RTC is not to be adjusted, the quartz crystal unit intended for use in that
RTC may have any CL value requiring no presetting.
The quartz crystal unit may be subject to frequency
variations which are selectable within the allowable range of time count precision.
Several quartz crystal units and
RTCs should be used to find the center frequency of the quartz crystal units by the method described in "P30
•
Measurement of Oscillation Frequency" and then calculate an appropriate oscillation adjustment value by the
method described in "P33
• Oscillation Adjustment Circuit" for writing this value to the R2023K/T.
Course (B)
When the time count precision of each RTC is to be adjusted within the oscillation frequency variations of the
quartz crystal unit plus the frequency variations of the real-time clock ICs, it becomes necessary to correct
deviations in the time count of each RTC by the method described in " P30
• Oscillation Adjustment Circuit".
Such oscillation adjustment provides quartz crystal units with a wider range of allowable settings of their oscillation
frequency variations and their CL values.
The real-time clock IC and the quartz crystal unit intended for use in
that real-time clock IC should be used to find the center frequency of the quartz crystal unit by the method
described in " P30
• Measurement of Oscillation Frequency" and then confirm the center frequency thus found to
fall within the range adjustable by the oscillation adjustment circuit before adjusting the oscillation frequency of the
oscillation circuit.
At normal temperature, the oscillation frequency of the oscillator circuit can be adjusted by up to
approximately
±0.5ppm.
Course (C)
Course (C) together with Course (D) requires adjusting the time count precision of each RTC as well as the
frequency of 32.768-kHz clock pulses output from the 32KOUT pin.
Normally, the oscillation frequency of the
crystal oscillator intended for use in the RTCs should be adjusted by adjusting the oscillation stabilizing capacitors
CG and CD connected to both ends of the crystal oscillator.
The R2023K/T, which incorporate the CG and the
CD, require adjusting the oscillation frequency of the crystal oscillator through its CL value.
Generally, the relationship between the CL value and the CG and CD values can be represented by the following
equation:
CL = (CG
× CD)/(CG + CD) + CS where "CS" represents the floating capacity of the printed circuit board.
The crystal oscillator intended for use in the R2023K/T is recommended to have the CL value on the order of 6 to
9pF.
Its oscillation frequency should be measured by the method described in " P.30
• Measurement of
Oscillation Frequency ".
Any crystal oscillator found to have an excessively high or low oscillation frequency
(causing a time count gain or loss, respectively) should be replaced with another one having a smaller and greater
CL value, respectively until another one having an optimum CL value is selected.
In this case, the bit settings
disabling the oscillation adjustment circuit (see " P.33
• Oscillation Adjustment Circuit") should be written to the
oscillation adjustment register.
Incidentally, the high oscillation frequency of the crystal oscillator can also be adjusted by adding an external
oscillation stabilization capacitor CGOUT or/and CDOUT as illustrated in the diagram below.
32kHz
RD
CG
CD
OSCIN
OSCOUT
CGOUT
Oscillator
Circuit
CDOUT
*1) The CGOUT or/and CDOUT should have a
capacitance ranging from 0 to 6 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com