Electronic Components Datasheet Search
  English  ▼

X  

R2023K Datasheet(PDF) 17 Page - RICOH electronics devices division

Part # R2023K
Description  2-wire Serial Interface Real Time Clock IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2023K Datasheet(HTML) 17 Page - RICOH electronics devices division

Back Button R2023K Datasheet HTML 13Page - RICOH electronics devices division R2023K Datasheet HTML 14Page - RICOH electronics devices division R2023K Datasheet HTML 15Page - RICOH electronics devices division R2023K Datasheet HTML 16Page - RICOH electronics devices division R2023K Datasheet HTML 17Page - RICOH electronics devices division R2023K Datasheet HTML 18Page - RICOH electronics devices division R2023K Datasheet HTML 19Page - RICOH electronics devices division R2023K Datasheet HTML 20Page - RICOH electronics devices division R2023K Datasheet HTML 21Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
R2023K/T
17
* Correspondences between days of the week and the day-of-week digits are user-definable
(e.g. Sunday = 0, 0, 0)
* The writing of (1, 1, 1) to (W4, W2, W1) is prohibited except when days of the week are unused.
• Calendar Counter (Address 4-6h)
Day-of-month Counter (Address 4h)
D7
D6
D5
D4
D3
D2
D1
D0
-
-
D20
D10
D8
D4
D2
D1
(For Writing)
0
0
D20
D10
D8
D4
D2
D1
(For Reading)
0
0
Indefi
nite
Indefi
nite
Indefi
nite
Indefi
nite
Indefi
nite
Indefi
nite
Default Settings *)
Month Counter + Century Bit (Address 5h)
D7
D6
D5
D4
D3
D2
D1
D0
19 /20
-
-
MO10
MO8
MO4
MO2
MO1
(For Writing)
19 /20
0
0
MO10
MO8
MO4
MO2
MO1
(For Reading)
Indefi
nite
0
0
Indefi
nite
Indefi
nite
Indefi
nite
Indefi
nite
Indefi
nite
Default Settings *)
Year Counter (Address 6h)
D7
D6
D5
D4
D3
D2
D1
D0
Y80
Y40
Y20
Y10
Y8
Y4
Y2
Y1
(For Writing)
Y80
Y40
Y20
Y10
Y8
Y4
Y2
Y1
(For Reading)
Indefi
nite
Indefi
nite
Indefi
nite
Indefi
nite
Indefi
nite
Indefi
nite
Indefi
nite
Indefi
nite
Default Settings *)
*)
Default settings:
Default value means read / written values when the PON bit is set to “1” due to VDD
power-on from 0 volts.
* The calendar counters are configured to display the calendar digits in BCD format by using the automatic
calendar function as follows:
The day-of-month digits (D20 to D1) range from 1 to 31 for January, March, May, July, August, October, and
December; from 1 to 30 for April, June, September, and November; from 1 to 29 for February in leap years;
from 1 to 28 for February in ordinary years.
The day-of-month digits are carried to the month digits in
reversion from the last day of the month to 1.
The month digits (MO10 to MO1) range from 1 to 12 and are
carried to the year digits in reversion from 12 to 1.
The year digits (Y80 to Y1) range from 00 to 99 (00, 04, 08,
…, 92, and 96 in leap years) and are carried to
the 19 /20 digits in reversion from 99 to 00.
The 19 /20 digits cycle between 0 and 1 in reversion from 99 to 00 in the year digits.
* Any carry from lower digits with the writing of non-existent calendar data may cause the calendar counters
to malfunction.
Therefore, such incorrect writing should be replaced with the writing of existent calendar
data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com