Electronic Components Datasheet Search
  English  ▼

X  

7200 Datasheet(PDF) 7 Page - Arista Networks, Inc

Part # 7200
Description  7200 Series Enterprise WAN Router
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

7200 Datasheet(HTML) 7 Page - Arista Networks, Inc

Back Button 7200 Datasheet HTML 3Page - Arista Networks, Inc 7200 Datasheet HTML 4Page - Arista Networks, Inc 7200 Datasheet HTML 5Page - Arista Networks, Inc 7200 Datasheet HTML 6Page - Arista Networks, Inc 7200 Datasheet HTML 7Page - Arista Networks, Inc 7200 Datasheet HTML 8Page - Arista Networks, Inc 7200 Datasheet HTML 9Page - Arista Networks, Inc 7200 Datasheet HTML 10Page - Arista Networks, Inc 7200 Datasheet HTML 11Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
Overview
1.6
Specifications
This section lists the specifications of the Arista 7200 Series Enterprise WAN Routers.
Table 1: Dimensions and Weights
Router
Size (W x H x D)
Weight
AWE-7230R-4TX-4S-F
17.32 x 1.71 x 16.92 inches
(440 x 43.5 x 430 mm)
20.5 lbs
(9.3 kg)
AWE-7250R-16S-F
17.32 x 3.46 x 20.47 inches
(440 x 88 x 520 mm)
29.98 lbs
(13.6 kg)
Table 2: Operating and Storage Temperature
Router
Operating
Temperature
Storage
Temperature
Operating Altitude
Relative Humidity
AWE-7230R-4TX-4S-F
32° to 104°F
(0° to 40°C)
-13° to 158°F
(-25° to 70°C)
0 to 10,000 feet
(0 to 3048 meters)
5 to 95%
(non-condensing)
AWE-7250R-16S-F
32° to 104°F
(0° to 40°C)
-13° to 158°F
(-25° to 70°C)
0 to 10,000 feet
(0 to 3048 meters)
5 to 95%
(non-condensing)
Table 3: Power Input
Router
Power Source
Input Power Rating
AWE-7230R-4TX-4S-F
AC Power
100-240VAC, 8-4A, 50/60 Hz
AWE-7250R-16S-F
AC Power
100-240VAC, 10-5A, 50/60 Hz
Table 4: Power Draw
Router
Power Draw (Typical/Maximum)
Supported Power Supply
AWE-7230R-4TX-4S-F
100W/500W
PWR-561-AC-RED
AWE-7250R-16S-F
200W/750W
PWR-861-AC-RED
Table 5: System Configurations
Router
Airflow
Power Supply
Fan
Fan Type
AWE-7230R-4TX-4S-F
Front to rear
2
4+1
Fixed/built-in
AWE-7250R-16S-F
Front to rear
2
3+1
FAN-7202-RED
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com