Electronic Components Datasheet Search
  English  ▼

X  

7200 Datasheet(PDF) 11 Page - Arista Networks, Inc

Part # 7200
Description  7200 Series Enterprise WAN Router
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

7200 Datasheet(HTML) 11 Page - Arista Networks, Inc

Back Button 7200 Datasheet HTML 7Page - Arista Networks, Inc 7200 Datasheet HTML 8Page - Arista Networks, Inc 7200 Datasheet HTML 9Page - Arista Networks, Inc 7200 Datasheet HTML 10Page - Arista Networks, Inc 7200 Datasheet HTML 11Page - Arista Networks, Inc 7200 Datasheet HTML 12Page - Arista Networks, Inc 7200 Datasheet HTML 13Page - Arista Networks, Inc 7200 Datasheet HTML 14Page - Arista Networks, Inc 7200 Datasheet HTML 15Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
Chapter
3
Rack Mounting the Router
This section provides instructions on how to rack mount the router.
The following table shows the list of supported rack mount brackets.
Table 6: Supported Rack Mount Brackets
Router
Two-post Rack Mount
Four-post Rack Mount
AWE-7230R-4TX-4S-F
KIT-2POST-1U-NT
KIT-4POST-NT (default)
KIT-7101-RK
KIT-7101-LD-RK
AWE-7250R-16S-F
KIT-2POST
KIT-4POST-NT (default)
KIT-7101-RK
KIT-7101-LD-RK
The following topics are covered in this section:
•
Four-post Rack Mount
•
Two-post Rack Mount (Optional)
Note: A four-post rack mount is recommended for all routers. Use the rack-mount parts included with
the router for mounting.
3.1
Four-post Rack Mount
This section provides instructions for mounting the router in a four-post rack.
The router mounts onto a four-post rack by assembling two rails onto the rear posts, sliding the router onto
the rails, and securing the router to the front posts.
The installation kit provides the following four-post mounting parts:
•
Two six-hole mounting brackets
•
Two rail rods
•
Two rail slides
The rail rods and rail slides assemble into two identical slide rails.
Each chassis side has attachment pins that align with bracket holes. Pin orientation is symmetric and
equidistant, supporting bracket placements where the flange is flush with the front panel, flush with the rear
panel, or not flush with either panel. Each bracket hole includes a key opening for placing the bracket flush
with the chassis and then locking it into place.
Important:
Attachment pins must engage at least five of the six bracket holes.
Goupilles de fixation doivent être lock au moins cinq des trous du six support.
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com