Electronic Components Datasheet Search
  English  ▼

X  

7200 Datasheet(PDF) 34 Page - Arista Networks, Inc

Part # 7200
Description  7200 Series Enterprise WAN Router
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

7200 Datasheet(HTML) 34 Page - Arista Networks, Inc

Back Button 7200 Datasheet HTML 30Page - Arista Networks, Inc 7200 Datasheet HTML 31Page - Arista Networks, Inc 7200 Datasheet HTML 32Page - Arista Networks, Inc 7200 Datasheet HTML 33Page - Arista Networks, Inc 7200 Datasheet HTML 34Page - Arista Networks, Inc 7200 Datasheet HTML 35Page - Arista Networks, Inc 7200 Datasheet HTML 36Page - Arista Networks, Inc 7200 Datasheet HTML 37Page - Arista Networks, Inc 7200 Datasheet HTML 38Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
Show Commands for Speed and Auto-negotiation Capabilities
Supported speed and auto-negotiation are displayed by the following command when the transceiver
is inserted:
show interfaces <INTERFACES> hardware
RJ45 port output:
Arista(config)#
show interfaces Et1/1 hardware Ethernet1/1
Model: AWE-7230R-4TX-4S-F
Type: 10GBASE-T
Speed/duplex: 1G/full,2.5G/full,5G/full,10G/full,auto(default)
Flowcontrol: rx-(off),tx-(off)
Error correction: unsupported
SFP port output:
Arista(config)#
show interfaces Et1/5 hardware Ethernet1/5
Model: AWE-7230R-4TX-4S-F
Type: 10GBASE-CR
Speed/duplex: 10G/full(default)
Flowcontrol: rx-(off),tx-(off)
Error correction: unsupported
Supported Transceivers
The on-board SFP ports support a wide range of 1G and 10G pluggable transceivers.
•
CAB-SFP-SFP (10GBASE-CR)
•
AOC-S-S-10G (10GBASE-AOC)
•
SFP-10G-SRL
•
SFP-10G-SR
•
SFP-10G-LRL
•
SFP-10G-LR
•
SFP-10G-ER
•
SFP-10G-ZR
•
SFP-10G-DZ (10GBASE-DWDM)
•
SFP-SFP-10G-T
•
SFP-1G-SX
•
SFP-1G-LX
•
SFP-1G-T
For details about the different transceiver modules and cables, visit https://www.arista.com/en/products/
transceivers-cables.
10.2
AWE-7250R-16S-F
This section describes the interface configuration of the Arista AWE-7250R-16S-F Enterprise WAN router
from a physical layer perspective. This section includes the following topics:
•
Hardware Description
•
Interface Capabilities
•
Show Commands for Speed and Auto-negotiation Capabilities
•
Supported Transceivers
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com