Electronic Components Datasheet Search
  English  ▼

X  

7200 Datasheet(PDF) 36 Page - Arista Networks, Inc

Part # 7200
Description  7200 Series Enterprise WAN Router
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

7200 Datasheet(HTML) 36 Page - Arista Networks, Inc

Back Button 7200 Datasheet HTML 32Page - Arista Networks, Inc 7200 Datasheet HTML 33Page - Arista Networks, Inc 7200 Datasheet HTML 34Page - Arista Networks, Inc 7200 Datasheet HTML 35Page - Arista Networks, Inc 7200 Datasheet HTML 36Page - Arista Networks, Inc 7200 Datasheet HTML 37Page - Arista Networks, Inc 7200 Datasheet HTML 38Page - Arista Networks, Inc 7200 Datasheet HTML 39Page - Arista Networks, Inc 7200 Datasheet HTML 40Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
When a transceiver is inserted, EOS recognizes the transceiver type. To see which types of transceivers are
supported, refer to the Supported Transceivers. If the transceiver is supported, EOS decides the capable
speed and auto-negotiation satisfied by both the hardware and the modules. To view the show commands
and examples output, refer to Show Commands for Speed and Auto-negotiation Capabilities.
When there is no speed configuration on the interface, EOS applies the default speed. On an RJ45 port, the
default configuration is auto-negotiation, enabled with 10G. On an SFP port, the default configuration is auto-
negotiation, disabled with 10G.
Show Commands for Speed and Auto-negotiation Capabilities
Supported speed and auto-negotiation are displayed by the following command when the transceiver
is inserted:
show interfaces <INTF> hardware
Arista(config)#
show int ET1/1 hardware Ethernet1/1
Model: AWE-7250R-16S-F
Type: 10GBASE-SR
Speed/duplex: 10G/full(default)
Flowcontrol: rx-(off),tx-(off)
Error correction: unsupported
Supported Transceivers
The onboard SFP ports support a wide range of 1G and 10G pluggable transceivers. The first eight ports
(ports 1-8) support the following transceivers:
•
CAB-SFP-SFP (10GBASE-CR)
•
AOC-S-S-10G (10GBASE-AOC)
•
SFP-10G-SRL
•
SFP-10G-SR
•
SFP-10G-LRL
•
SFP-10G-LR
•
SFP-1G-SX
•
SFP-1G-LX
•
SFP-1G-T
The last eight ports (ports 9-16) support the following transceivers:
•
CAB-SFP-SFP (10GBASE-CR)
•
AOC-S-S-10G (10GBASE-AOC)
•
SFP-10G-SRL
•
SFP-10G-SR
•
SFP-10G-LRL
•
SFP-10G-LR
•
SFP-10G-ER
•
SFP-10G-ZR
•
SFP-10G-DZ (10GBASE-DWDM)
•
SFP-10G-T
•
SFP-1G-SX
•
SFP-1G-LX
•
SFP-1G-T
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com