Electronic Components Datasheet Search
  English  ▼

X  

7200 Datasheet(PDF) 35 Page - Arista Networks, Inc

Part # 7200
Description  7200 Series Enterprise WAN Router
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

7200 Datasheet(HTML) 35 Page - Arista Networks, Inc

Back Button 7200 Datasheet HTML 31Page - Arista Networks, Inc 7200 Datasheet HTML 32Page - Arista Networks, Inc 7200 Datasheet HTML 33Page - Arista Networks, Inc 7200 Datasheet HTML 34Page - Arista Networks, Inc 7200 Datasheet HTML 35Page - Arista Networks, Inc 7200 Datasheet HTML 36Page - Arista Networks, Inc 7200 Datasheet HTML 37Page - Arista Networks, Inc 7200 Datasheet HTML 38Page - Arista Networks, Inc 7200 Datasheet HTML 39Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
Interface Configuration and Behavior
•
Transceiver Configuration Command Support
•
Front Panel Port LEDs
Hardware Description
Figure 10-2: Arista AWE-7250R-16S-F Front Panel
1
16x 10G SFP+ ports
2
4x NIM (Network Interface Module) 3.0 slots
Refer to the AWE-7250R-16S-F section for detailed information.
Arista AWE-7250R-16S-F Enterprise WAN Router Configuration and Behavior Enterprise WAN router
provides 50 Gbps Encrypted / 100 Gbps aggregate throughput and has 16x 10G Ethernet ports (SFP+) and
4x Network Interface Module (NIM) expansion slots. The ports are labeled as 1 through 16.
In the EOS CLI, all the onboard ports have the prefix 1 (Et1/X, X from 1-16) to indicate that they are on the
main system rather than the pluggable NIM cards.
Label
Port Number
Port Type
EOS Interface
1
1, 2, 3, 4, 5, 6, 7, 8, 9,
10, 11, 12, 13, 14, 15,
16
SFP+
Et1/1, Et1/2, Et1/3, Et1/4, Et1/5, Et1/6,
Et1/7, Et1/8, Et1/9, Et1/10, Et1/11,
Et1/12, Et1/13, Et1/14, Et1/15, Et1/16
2
Slot 2, Slot 3, Slot 4,
Slot 5
Network Interface Module (NIM)
Interface Capabilities
This section describes interface capabilities. These capabilities are displayed using the following command:
show interfaces <INTF> hardware default
Interface speed and auto-negotiation depend on the mac/phy capabilities, the front panel connector, and the
type of transceiver inserted. The default capabilities of the Arista AWE 7250R-16S Enterprise WAN router are
as follows:
Ports
Speed
Auto-negotiation
Port 1-8
1G/10G
1G full
1G full duplex
Port 9-16
1G/10G
1G/10G full duplex
1G full duplex
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com