Electronic Components Datasheet Search
  English  ▼

X  

7200 Datasheet(PDF) 31 Page - Arista Networks, Inc

Part # 7200
Description  7200 Series Enterprise WAN Router
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

7200 Datasheet(HTML) 31 Page - Arista Networks, Inc

Back Button 7200 Datasheet HTML 27Page - Arista Networks, Inc 7200 Datasheet HTML 28Page - Arista Networks, Inc 7200 Datasheet HTML 29Page - Arista Networks, Inc 7200 Datasheet HTML 30Page - Arista Networks, Inc 7200 Datasheet HTML 31Page - Arista Networks, Inc 7200 Datasheet HTML 32Page - Arista Networks, Inc 7200 Datasheet HTML 33Page - Arista Networks, Inc 7200 Datasheet HTML 34Page - Arista Networks, Inc 7200 Datasheet HTML 35Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
Chapter
10
Interface Configuration and Behavior
This section discusses the interface configuration and behavior of the following routers:
•
AWE-7230R-4TX-4S-F
•
AWE-7250R-16S-F
10.1
AWE-7230R-4TX-4S-F
This section discusses the interface configuration of the Arista AWE-7230R-4TX-4S-F Enterprise WAN router
from a physical layer perspective. This section includes the following topics:
•
Hardware Description
•
Interface Capabilities
•
Speed Configuration
•
Show Commands for Speed and Auto-negotiation Capabilities
•
Supported Transceivers
Hardware Description
Figure 10-1: Arista AWE-7230R-4TX-4S-F Front Panel
1
4x 1G/10G RJ45 port
2x fail-to-wire (FTW) port
3
2x NIM (Network Interface Module) 3.0 slots
2
4x 10G SFP+ ports
Refer to the AWE-7230R-4TX-4S-F section for detailed information.
The Arista AWE-7230R-4TX-4S-F Enterprise WAN router provides 5 Gbps Encrypted / 30 Gbps aggregate
throughput. It has 4xRJ45 (1/2.5 G/10G) Ethernet ports, 2x fail-to-wire (FTW) port, and 4x SFP+ (1/2.5G/10G)
Ethernet ports, and 2x Network Interface Module (NIM) expansion slots. The ports are labeled as 1, 2, 3, 3
FTW, 4, 4 FTW, 5, 6, 7, and 8.
In the EOS CLI, all the onboard ports have the prefix 1 (Et1/X, X from 1-8) to indicate they are on the main
system rather than the pluggable NIM cards.
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com