Electronic Components Datasheet Search
  English  ▼

X  

7200 Datasheet(PDF) 27 Page - Arista Networks, Inc

Part # 7200
Description  7200 Series Enterprise WAN Router
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

7200 Datasheet(HTML) 27 Page - Arista Networks, Inc

Back Button 7200 Datasheet HTML 23Page - Arista Networks, Inc 7200 Datasheet HTML 24Page - Arista Networks, Inc 7200 Datasheet HTML 25Page - Arista Networks, Inc 7200 Datasheet HTML 26Page - Arista Networks, Inc 7200 Datasheet HTML 27Page - Arista Networks, Inc 7200 Datasheet HTML 28Page - Arista Networks, Inc 7200 Datasheet HTML 29Page - Arista Networks, Inc 7200 Datasheet HTML 30Page - Arista Networks, Inc 7200 Datasheet HTML 31Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
Chapter
8
Front Panel
This section discusses the front panel of the following routers:
•
AWE-7230R-4TX-4S-F
•
AWE-7250R-16S-F
8.1
AWE-7230R-4TX-4S-F
The AWE-7230R-4TX-4S-F Enterprise WAN router front panel includes the following key components:
Figure 8-1: AWE-7230R-4TX-4S-F Front Panel
1
System status LEDs
7
4x10G SFP+ ports
2
USB port Type-A
8
4x1G/10G RJ45 (2 ports support fail-to-wire (FTW))
3
LCD panel
9
2x1G/10G RJ45
4
LCD upper button
10
RJ45 Ethernet management port
5
LCD lower button
11
RJ45 Console port
6
2x NIM (Network Interface Module) 3.0 slots
12
USB port Type-C
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com