Electronic Components Datasheet Search
  English  ▼

X  

7200 Datasheet(PDF) 8 Page - Arista Networks, Inc

Part # 7200
Description  7200 Series Enterprise WAN Router
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

7200 Datasheet(HTML) 8 Page - Arista Networks, Inc

Back Button 7200 Datasheet HTML 4Page - Arista Networks, Inc 7200 Datasheet HTML 5Page - Arista Networks, Inc 7200 Datasheet HTML 6Page - Arista Networks, Inc 7200 Datasheet HTML 7Page - Arista Networks, Inc 7200 Datasheet HTML 8Page - Arista Networks, Inc 7200 Datasheet HTML 9Page - Arista Networks, Inc 7200 Datasheet HTML 10Page - Arista Networks, Inc 7200 Datasheet HTML 11Page - Arista Networks, Inc 7200 Datasheet HTML 12Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
Chapter
2
Preparation
This section describes the initial set up and preparation for installing the routers.
This section discusses the following topics:
•
Site Selection
•
Tools and Parts Required for Installation
•
Electrostatic Discharge (ESD) Precautions
2.1
Site Selection
Consider the following criteria when selecting a site to install the router in a Data Center environment:
•
Temperature and Ventilation: For proper ventilation, install the router with ample airflow to the front and
back of the router.
Important:
To prevent the device from overheating, do not operate it in an area where the ambient
temperature exceeds 104°F (40°C).
Pour empêcher l’interrupteur de surchauffe, ne pas utiliser il dans une zone où la température
ambiante est supérieure à 104°F (40°C).
•
Airflow Orientation: The fans and PSUs determine the airflow direction through the router. The color of
the visible handles or labels indicates the airflow direction.
•
Red Handle: The red handle represents the air exit module. The following figure shows the airflow
direction through the router with an air exit module.
Figure 2-1: Air Exit Modules
Orient the router so airflow goes from the cooler to the hotter aisle.
•
Rack Space: Install the router in a 19" rack or cabinet. The accessory kit provides mounting brackets for
two-post and four-post racks.
When mounting the router in a partially filled rack, load the rack from bottom to top, with the heaviest
equipment at the bottom. If the router is the only item in the rack, load it at the bottom.
•
Power Requirements: Each router and power supply model has different power requirements. For
information regarding your specific system, refer to Specifications.
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com