Electronic Components Datasheet Search
  English  ▼

X  

7200 Datasheet(PDF) 32 Page - Arista Networks, Inc

Part # 7200
Description  7200 Series Enterprise WAN Router
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

7200 Datasheet(HTML) 32 Page - Arista Networks, Inc

Back Button 7200 Datasheet HTML 28Page - Arista Networks, Inc 7200 Datasheet HTML 29Page - Arista Networks, Inc 7200 Datasheet HTML 30Page - Arista Networks, Inc 7200 Datasheet HTML 31Page - Arista Networks, Inc 7200 Datasheet HTML 32Page - Arista Networks, Inc 7200 Datasheet HTML 33Page - Arista Networks, Inc 7200 Datasheet HTML 34Page - Arista Networks, Inc 7200 Datasheet HTML 35Page - Arista Networks, Inc 7200 Datasheet HTML 36Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
Label
Port Number
Port Type
EOS Interface
1, 2, 3, 4
RJ45
Et1/1, Et1/2, Et1/3, Et1/4
1
3FTW, 4FTW
Fail-to-wire
2
5, 6, 7, 8
SFP+
Et1/5, Et1/6, Et1/7, Et1/8
3
Slot 2, Slot 3
Network Interface Module
(NIM)
Interface Capabilities
This section describes interface capabilities like speed and Forward Error Correction (FEC). For additional
information, see the EOS User's Guide. These capabilities are displayed with the following command:
show interfaces <INTF> hardware default
The speed/auto-negotiation depends on the MAC/P-capabilities, the front panel connector, and the type of
transceiver inserted. The default capabilities of the Arista AWE-7230R-4TX-4S Enterprise WAN router are
as follows:
Ports
Speed
Auto-negotiation
RJ45 (Et1/1-Et1/4)
1G/2.5G/5G/10G full duplex
1G/2.5G/5G/10G full duplex
SFP (Et1/5-Et1/8)
1G/10G
1G/10G full duplex
1G full duplex
When a transceiver is inserted, EOS recognizes the transceiver type. To see which types of transceivers are
supported, refer to the Supported Transceivers. EOS decides the capable speed/auto-negotiation that both
the hardware and the modules satisfy. To view the show commands and example outputs, refer to the Show
Commands for Speed and Auto-negotiation Capabilities.
When the interface does not have a speed configuration, EOS applies the default speed. On an RJ45 port,
the default configuration is auto-negotiation enabled with 10G. On an SFP port, the default configuration is
auto-negotiation disabled with 10G.
Speed Configuration
This section describes the configuration of interface speed and auto-negotiation.
Interface speed and auto-negotiation are configured using the
speed speed-lane-token command, as
shown in the following examples:
To configure 10G speed with auto-negotiation disabled:
Arista(config-if-Et1/1)#
speed 10g
To configure 1G speed with auto-negotiation disabled:
Arista(config-if-Et1/1)#
speed 1g
To configure 10G speed with auto-negotiation enabled:
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com