Electronic Components Datasheet Search
  English  ▼

X  

7200 Datasheet(PDF) 37 Page - Arista Networks, Inc

Part # 7200
Description  7200 Series Enterprise WAN Router
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

7200 Datasheet(HTML) 37 Page - Arista Networks, Inc

Back Button 7200 Datasheet HTML 33Page - Arista Networks, Inc 7200 Datasheet HTML 34Page - Arista Networks, Inc 7200 Datasheet HTML 35Page - Arista Networks, Inc 7200 Datasheet HTML 36Page - Arista Networks, Inc 7200 Datasheet HTML 37Page - Arista Networks, Inc 7200 Datasheet HTML 38Page - Arista Networks, Inc 7200 Datasheet HTML 39Page - Arista Networks, Inc 7200 Datasheet HTML 40Page - Arista Networks, Inc 7200 Datasheet HTML 41Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
Interface Configuration and Behavior
For details about the different transceivers, modules, and cables, visit https://www.arista.com/en/products/
transceivers-cables.
Transceiver Configuration Command Support
The first eight ports (ports 1-8) are subject to minor differences in transceiver configuration.
The
shut and no shut configuration commands may not use the SFP transceiver’s TX Disable control
register software. Instead, the TX Disable hardware low-speed pin signal will always be used. This does not
result in operational or behavioral differences for Arista Networks transceivers.
The configuration commands
transceiver frequency and transceiver channel are not supported
on the first eight ports (ports 1-8).
Front Panel Port LEDs
When using the
locator-led interface CLI command, the first eight port LEDs (ports 1-8) may flash at
a different rate than the last eight port LEDs (ports 9-16).
Caveats
Auto-negotiation parallel detection on ports 1-8.
Parallel detection is used on Arista AWE 7250R-16S Enterprise WAN router ports 1-8, where the port
can auto-negotiation. This happens when the link partner might not support auto-negotiation, or the auto-
negotiation is disabled on the router. In this condition, the port capable of auto-negotiation can determine if it
should use auto-negotiation and can match the speed with the other router.
Parallel detection is enabled by default and cannot be disabled. Links can come up with a mismatch in auto-
negotiation configuration. If auto-negotiation is enabled on Arista AWE-7250R-16S Enterprise WAN router
ports 1-8 but not on the link partner and links can be established, auto-negotiation status is successful.
Arista(config-if-Et1/1)#
show int st
Port
Name
Status
Vlan
Duplex Speed Type
Flags Encapsulation
Et1/1
connected
routed
a-full a-1G
1000BASE-SX
LinkPartner(config)#
show int ET25 st
Port
Name
Status
Vlan
Duplex Speed Type
Flags Encapsulation
Et25
connected
1
full
1G
1000BASE-SX
Arista(config-if-Et1/1)#
show int ET1/1 negotiation detail Ethernet1/1
Auto-Negotiation Mode
1000BASE-X (IEEE Clause 37)
Auto-Negotiation Status
Success
Speed Downshifting
Not Applicable
Advertisements
Speed
Duplex
Pause
----------------- ---------- --------------------
Local
1G
full
Disabled
Link Partner
1G
full
Disabled
Resolution
1Gb/s
full
Rx=Unsupp.,Tx=Unsupp.
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com