Electronic Components Datasheet Search
  English  ▼

X  

AM67 Datasheet(PDF) 37 Page - Texas Instruments

Part # AM67
Description  AM67x Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM67 Datasheet(HTML) 37 Page - Texas Instruments

Back Button AM67 Datasheet HTML 33Page - Texas Instruments AM67 Datasheet HTML 34Page - Texas Instruments AM67 Datasheet HTML 35Page - Texas Instruments AM67 Datasheet HTML 36Page - Texas Instruments AM67 Datasheet HTML 37Page - Texas Instruments AM67 Datasheet HTML 38Page - Texas Instruments AM67 Datasheet HTML 39Page - Texas Instruments AM67 Datasheet HTML 40Page - Texas Instruments AM67 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 237 page
background image
Table 5-1. Pin Attributes (AMW Package) (continued)
BALL
NUMBER [1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE
[4]
TYPE
[5]
DSIS
[6]
BALL STATE
DURING
RESET
(RX/TX/PULL) [7]
BALL STATE
AFTER
RESET
(RX/TX/PULL) [8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
AA15
RSVD8
RSVD8
N/A
AA14
RSVD9
RSVD9
N/A
L5
RSVD10
RSVD10
N/A
M6
RSVD11
RSVD11
N/A
AB16
RSVD12
RSVD12
N/A
AB18
RSVD13
RSVD13
N/A
C6
RSVD14
RSVD14
N/A
F8
RSVD15
RSVD15
N/A
B6
RSVD16
RSVD16
N/A
C17
RSVD17
RSVD17
N/A
D16
RSVD18
RSVD18
N/A
D14
RSVD19
RSVD19
N/A
D13
RSVD20
RSVD20
N/A
M2
RSVD21
RSVD21
N/A
E15
SERDES0_REXT
SERDES0_REXT
A
1.8 V
VDDA_1P8_SERDES
4L_PHY
F14
SERDES1_REXT
SERDES1_REXT
A
1.8 V
VDDA_1P8_SERDES
4L_PHY
A17
SERDES0_REFCLK0N
SERDES0_REFCLK0N
IO
1.8 V
VDDA_1P8_SERDES
4L_PHY
A16
SERDES0_REFCLK0P
SERDES0_REFCLK0P
IO
1.8 V
VDDA_1P8_SERDES
4L_PHY
A20
SERDES0_RX0_N
SERDES0_RX0_N
I
1.8 V
VDDA_1P8_SERDES
4L_PHY
A19
SERDES0_RX0_P
SERDES0_RX0_P
I
1.8 V
VDDA_1P8_SERDES
4L_PHY
B19
SERDES0_TX0_N
SERDES0_TX0_N
O
1.8 V
VDDA_1P8_SERDES
4L_PHY
B18
SERDES0_TX0_P
SERDES0_TX0_P
O
1.8 V
VDDA_1P8_SERDES
4L_PHY
B15
SERDES1_REFCLK0N
SERDES1_REFCLK0N
IO
1.8 V
VDDA_1P8_SERDES
4L_PHY
B16
SERDES1_REFCLK0P
SERDES1_REFCLK0P
IO
1.8 V
VDDA_1P8_SERDES
4L_PHY
C14
SERDES1_RX0_N
SERDES1_RX0_N
I
1.8 V
VDDA_1P8_SERDES
4L_PHY
C15
SERDES1_RX0_P
SERDES1_RX0_P
I
1.8 V
VDDA_1P8_SERDES
4L_PHY
A13
SERDES1_TX0_N
SERDES1_TX0_N
O
1.8 V
VDDA_1P8_SERDES
4L_PHY
A14
SERDES1_TX0_P
SERDES1_TX0_P
O
1.8 V
VDDA_1P8_SERDES
4L_PHY
D20
SPI0_CLK
PADCONFIG
PADCONFIG111
0x000F41BC
SPI0_CLK
0
IO
0
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
CP_GEMAC_CPTS0_TS_SYNC
1
O
EHRPWM1_A
2
IO
0
GPIO1_17
7
IO
pad
B20
SPI0_CS0
PADCONFIG
PADCONFIG109
0x000F41B4
SPI0_CS0
0
IO
1
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
EHRPWM0_A
2
IO
0
GPIO1_15
7
IO
pad
www.ti.com
AM67, AM67A
SPRSPA3A – MARCH 2024 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
37
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com