| Electronic Components Datasheet Search |
|
AM67 Datasheet(PDF) 60 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM67 Datasheet(HTML) 60 Page - Texas Instruments |
|
60 / 237 page ![]() Table 5-27. GPIO1 Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMW PIN [4] GPIO1_42 (1) IO General Purpose Input/Output H25 GPIO1_43 (1) IO General Purpose Input/Output J23 GPIO1_44 (1) IO General Purpose Input/Output H20 GPIO1_45 (1) IO General Purpose Input/Output H23 GPIO1_46 (1) IO General Purpose Input/Output H24 GPIO1_47 (1) IO General Purpose Input/Output H22 GPIO1_48 (1) I General Purpose Input/Output B24 GPIO1_49 (1) I General Purpose Input/Output A24 GPIO1_50 IO General Purpose Input/Output E25 GPIO1_51 IO General Purpose Input/Output B27 GPIO1_52 IO General Purpose Input/Output AG24 GPIO1_53 IO General Purpose Input/Output AF23 GPIO1_54 IO General Purpose Input/Output AG23 GPIO1_55 IO General Purpose Input/Output AG22 GPIO1_56 IO General Purpose Input/Output AB21 GPIO1_57 IO General Purpose Input/Output AB20 GPIO1_58 IO General Purpose Input/Output AG21 GPIO1_59 IO General Purpose Input/Output AG20 GPIO1_60 IO General Purpose Input/Output AC21 GPIO1_61 IO General Purpose Input/Output AD21 GPIO1_62 IO General Purpose Input/Output AF18 GPIO1_63 IO General Purpose Input/Output AF19 GPIO1_64 IO General Purpose Input/Output AG18 GPIO1_65 IO General Purpose Input/Output AG17 GPIO1_66 IO General Purpose Input/Output AA20 GPIO1_67 IO General Purpose Input/Output AB19 GPIO1_68 IO General Purpose Input/Output AE20 GPIO1_69 IO General Purpose Input/Output AF21 GPIO1_70 IO General Purpose Input/Output AE19 GPIO1_71 IO General Purpose Input/Output AD20 GPIO1_72 IOD General Purpose Input/Output F25 (1) This GPIO input signal has a debounce function. For more information on I/O Debounce configuration, see the TRM Device Configuration chapter. 5.3.11.2 MCU Domain Table 5-28. MCU_GPIO0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] AMW PIN [4] MCU_GPIO0_0 (1) IO General Purpose Input/Output C12 MCU_GPIO0_1 (1) IO General Purpose Input/Output A10 MCU_GPIO0_2 IO General Purpose Input/Output A9 MCU_GPIO0_3 IO General Purpose Input/Output B12 MCU_GPIO0_4 IO General Purpose Input/Output C11 MCU_GPIO0_5 IO General Purpose Input/Output B8 MCU_GPIO0_6 IO General Purpose Input/Output B4 MCU_GPIO0_7 (1) IO General Purpose Input/Output B5 AM67, AM67A SPRSPA3A – MARCH 2024 – REVISED SEPTEMBER 2024 www.ti.com 60 Submit Document Feedback Copyright © 2024 Texas Instruments Incorporated Product Folder Links: AM67 AM67A |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |