Electronic Components Datasheet Search
  English  ▼

X  

AM67 Datasheet(PDF) 82 Page - Texas Instruments

Part # AM67
Description  AM67x Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM67 Datasheet(HTML) 82 Page - Texas Instruments

Back Button AM67 Datasheet HTML 78Page - Texas Instruments AM67 Datasheet HTML 79Page - Texas Instruments AM67 Datasheet HTML 80Page - Texas Instruments AM67 Datasheet HTML 81Page - Texas Instruments AM67 Datasheet HTML 82Page - Texas Instruments AM67 Datasheet HTML 83Page - Texas Instruments AM67 Datasheet HTML 84Page - Texas Instruments AM67 Datasheet HTML 85Page - Texas Instruments AM67 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 237 page
background image
6 Specifications
Note
All specifications listed are preliminary and may change during device characterization.
6.1 Absolute Maximum Ratings
over operating junction temperature range (unless otherwise noted)(1) (2)
PARAMETER
MIN
MAX UNIT
VDD_CORE
Core supply
-0.3
1.05
V
VDDR_CORE
RAM core supply
-0.3
1.05
V
VDD_CANUART
CANUART core supply
-0.3
1.05
V
VDDA_CORE_CSI_DSI
CSIRX0 and DSITX0 core supply
-0.3
1.05
V
VDDA_CORE_CSI_DSI_CLK
CSIRX0 and DSITX0 clock core supply
-0.3
1.05
V
VDDA_CORE_USB0
VDDA_CORE_USB1
USB0 and USB1 core supply
-0.3
1.05
V
VDDA_DDR_PLL0
DDR deskew PLL supply
-0.3
1.05
V
VDD_MMC0
MMC0 PHY core supply
-0.3
1.05
V
VDDA_0P85_DLL_MMC0
MMC0 DLL analog supply
-0.3
1.05
V
VDDA_0P85_SERDES
VDDA_0P85_SERDES_C
SERDES analog supply
-0.3
1.05
V
VDDS_DDR
DDR PHY IO supply
-0.3
1.57
V
VDDS_DDR_C
DDR clock IO supply
-0.3
1.57
V
VDDA_1P8_SERDES
SERDES PHY IO supply
-0.3
1.98
V
VDDS_MMC0
MMC0 PHY IO supply
-0.3
1.98
V
VDDS_OSC0
MCU_OSC0 and WKUP_LFOSC0 supply
-0.3
1.98
V
VDDA_MCU
RCOSC, POR, POK, and MCU PLL analog supply
-0.3
1.98
V
VDDA_PLL0
SMS PLL analog supply
-0.3
1.98
V
VDDA_PLL1
MAIN PLL, PER0 PLL, and PER1 PLL analog supply
-0.3
1.98
V
VDDA_PLL2
DDR PLL and ARM0 PLL analog supply
-0.3
1.98
V
VDDA_PLL3
VIDEO PLL and GPU PLL analog supply
-0.3
1.98
V
VDDA_PLL4
DSS PLL0, DSS PLL1, and DSS PLL2 analog supply
-0.3
1.98
V
VDDA_PLL5
C7x PLL analog supply
-0.3
1.98
V
VDDA_1P8_CSI_DSI
CSIRX0 and DSITX0 1.8 V analog supply
-0.3
1.98
V
VDDA_1P8_OLDI0
OLDI0 1.8 V analog supply
-0.3
1.98
V
VDDA_1P8_USB0
VDDA_1P8_USB1
USB0 and USB1 1.8 V analog supply
-0.3
1.98
V
VDDA_TEMP0
TEMP0 analog supply
-0.3
1.98
V
VDDA_TEMP1
TEMP1 analog supply
-0.3
1.98
V
VDDA_TEMP2
TEMP2 analog supply
-0.3
1.98
V
VPP
eFuse ROM programming supply
-0.3
1.98
V
VDDSHV_MCU
IO supply for IO group MCU
-0.3
3.63
V
VDDSHV_CANUART
IO supply for IO group CANUART
-0.3
3.63
V
VDDSHV0
IO supply for IO group 0
-0.3
3.63
V
VDDSHV1
IO supply for IO group 1
-0.3
3.63
V
VDDSHV2
IO supply for IO group 2
-0.3
3.63
V
VDDSHV3
IO supply for IO group 3
-0.3
3.63
V
VDDSHV5
IO supply for IO group 5
-0.3
3.63
V
VDDSHV6
IO supply for IO group 6
-0.3
3.63
V
AM67, AM67A
SPRSPA3A – MARCH 2024 – REVISED SEPTEMBER 2024
www.ti.com
82
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com