Electronic Components Datasheet Search
  English  ▼

X  

AM67 Datasheet(PDF) 75 Page - Texas Instruments

Part # AM67
Description  AM67x Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM67 Datasheet(HTML) 75 Page - Texas Instruments

Back Button AM67 Datasheet HTML 71Page - Texas Instruments AM67 Datasheet HTML 72Page - Texas Instruments AM67 Datasheet HTML 73Page - Texas Instruments AM67 Datasheet HTML 74Page - Texas Instruments AM67 Datasheet HTML 75Page - Texas Instruments AM67 Datasheet HTML 76Page - Texas Instruments AM67 Datasheet HTML 77Page - Texas Instruments AM67 Datasheet HTML 78Page - Texas Instruments AM67 Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 237 page
background image
Table 5-65. System Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
CLKOUT0
O
RMII Clock Output (50 MHz). This pin is used for clock
source to the external RMII PHY and must also be routed
back to the respective RMII[x]_REF_CLK pin for proper
device operation.
A23, AA22, AF24
EXTINTn
I
External Interrupt
B23
EXT_REFCLK1
I
External clock input to Main Domain
A23
MAIN_ERRORn
IO
Error signal output from MAIN Domain ESM
B25, C20, N25
OBSCLK0
O
Main Domain Observation clock output for test and
debug purposes only
V27
OBSCLK1
O
Main Domain Observation clock output for test and
debug purposes only
D23
PORz_OUT
O
Main Domain POR status output
D27
RESETSTATz
O
Main Domain warm reset status output
E27
RESET_REQz
I
Main Domain external warm reset request input
E26
SYNC0_OUT
O
CPTS Time Stamp Generator Bit 0 Output from Time
Sync Router
D23
SYNC1_OUT
O
CPTS Time Stamp Generator Bit 1 Output from Time
Sync Router
A23
SYNC2_OUT
O
CPTS Time Stamp Generator Bit 2 Output from Time
Sync Router
D22
SYNC3_OUT
O
CPTS Time Stamp Generator Bit 3 Output from Time
Sync Router
C22
SYSCLKOUT0
O
Main Domain system clock output (divided by 4) for test
and debug purposes only
A23
5.3.24.3.2 MCU Domain
Table 5-66. MCU System Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
MCU_ERRORn
IO
Error signal output from MCU Domain ESM
B7
MCU_EXT_REFCLK0
I
External input to MCU Domain
A10, C1
MCU_OBSCLK0
O
MCU Domain Observation clock output for test and
debug purposes only
A10
MCU_PORz
I
MCU and Main Domain cold reset
E8
MCU_RESETSTATz
O
MCU Domain warm reset status output
E13
MCU_RESETz
I
MCU and Main Domain warm reset
D10
MCU_SYSCLKOUT0
O
MCU Domain system clock output (divided by 4) for test
and debug purposes only
A10
5.3.24.3.3 WKUP Domain
Table 5-67. WKUP System Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
PMIC_LPM_EN0
O
Dual-function PMIC control output, Low Power Mode
(active low) or PMIC Enable (active high)
A8
WKUP_CLKOUT0
O
WKUP Domain CLKOUT0 output
F12
www.ti.com
AM67, AM67A
SPRSPA3A – MARCH 2024 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
75
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com